công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9362AD01-F40 bảng dữ liệu(PDF) 4 Page - Keysight Technologies

tên linh kiện M9362AD01-F40
Giải thích chi tiết về linh kiện  PXIe Quad Downconverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9362AD01-F40 bảng dữ liệu(HTML) 4 Page - Keysight Technologies

  M9362AD01-F40 Datasheet HTML 1Page - Keysight Technologies M9362AD01-F40 Datasheet HTML 2Page - Keysight Technologies M9362AD01-F40 Datasheet HTML 3Page - Keysight Technologies M9362AD01-F40 Datasheet HTML 4Page - Keysight Technologies M9362AD01-F40 Datasheet HTML 5Page - Keysight Technologies M9362AD01-F40 Datasheet HTML 6Page - Keysight Technologies M9362AD01-F40 Datasheet HTML 7Page - Keysight Technologies M9362AD01-F40 Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
04 | Keysight | M9362AD01 PXIe Quad Downconverter - Data Sheet
Definitions for Characteristics
Characteristics describe product performance that is useful in the application of the product, but that is not covered by the product
warranty. Characteristics are often referred to as typical or nominal values. All characteristics in this data sheet are typical unless
otherwise noted.
– Typical describes characteristic performance, which 80% of instruments are expected to meet when operated over a 20 to 30 °C
temperature range. Typical performance is not warranted.
– Nominal describes representative performance that is useful in the application of the product when operated over a 20 to 30 °C
temperature range. Nominal performance is not warranted.
Note: All graphs contain measured data from several units at room temperature unless otherwise noted.
General Characteristics
All characteristics are typical unless otherwise noted.
Option F26
Option F40
Option F50
Input and output ports
Connector ports
Frequency range
Connectors
Frequency range
Connectors
Frequency range
Connectors
RF port
0.01 to 26.5 GHz
3.5 mm (f)
0.01 to 40 GHz
1.85 mm (f)
0.01 to 50 GHz
1.85 mm (f)
LO port
0.01 to 26.5 GHz
3.5 mm (f)
0.01 to 40 GHz
1.85 mm (f)
0.01 to 26.5 GHz
1.85 mm (f)
IF port
0.01 to 1.5 GHz
SMA (f)
0.01 to 1.5 GHz
SMA (f)
0.01 to 50 GHz
SMA (f)
Input and output power levels
Frequency range
0.01 to 26.5 GHz
0.01 to 40 GHz
0.01 to 26.5 GHz
26.5 to 50 GHz
Input power damage
RF port
+18 dBm
+10 dBm
+10 dBm
LO port
+5 dBm
+16 dBm
+4 dBm
--
Optimum power levels
RF power
-15 dBm
-15 dBm
-15 dBm
-20 dBm
LO power
0 dBm
+10 dBm
0 dBm
--
RF compression
Ports A-D @ 0.1 dB
-13 dBm
-12 dBm
-10 dBm
-15 dBm
Ports A-D @ 1.0 dB
-7 dBm
-5 dBm
-5 dBm
-10 dBm


Số phần tương tự - M9362AD01-F40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
More results

Mô tả tương tự - M9362AD01-F40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
   Quadrature Downconverter
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
   Quadrature Downconverter
logo
Keysight Technologies
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
   Programmable Downconverter
May 1, 2007
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Keysight Technologies
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com