công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9341B bảng dữ liệu(PDF) 5 Page - Keysight Technologies

tên linh kiện M9341B
Giải thích chi tiết về linh kiện  M9341A PXIe Digital I/O
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9341B bảng dữ liệu(HTML) 5 Page - Keysight Technologies

  M9341B Datasheet HTML 1Page - Keysight Technologies M9341B Datasheet HTML 2Page - Keysight Technologies M9341B Datasheet HTML 3Page - Keysight Technologies M9341B Datasheet HTML 4Page - Keysight Technologies M9341B Datasheet HTML 5Page - Keysight Technologies M9341B Datasheet HTML 6Page - Keysight Technologies M9341B Datasheet HTML 7Page - Keysight Technologies M9341B Datasheet HTML 8Page - Keysight Technologies M9341B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
05 | Keysight | M9341A PXIe Digital I/O, M9341B PXIe Digital/Analog I/O - Data Sheet
24 Bit Digital I/O Specification
Description
General Characteristics
Typical
Connector Type
CHAMP 0.8mm, 36 pos Receptacle1
Input Signal
Logic
Input Voltage Range
High-level Input Voltage
Low-level Input Voltage
3.3 V TTL
-0.5 V to + 5.5 V
+2.0 V Min
+0.8 V Max
Output Signal
Logic
High-level Output Current
Low-level Output Current
Output Impedance
3.3 V TTL
-5 mA
+3 mA
100 Ω
Power Supply
Output Voltage
Maximum Output Current
+4.5 V min, +5.5 V max
100 mA
Description
General Characteristics
Typical
Connector Type
ST series, 10 pos receptacle
Power Supply (VIO)2
Output Voltage
Voltage Accuracy
Maximum Output Current
+3.3 V, +1.8 V, or +1.2 V
±5%
100 mA
Input Signal
Input Voltage Range
Minimum High-level Input Voltage
Maximum Low-level Input Voltage
0 V to VIO
+2.0 V (at VIO = +3.3 V)
+1.17 V (at VIO = +1.8 V)
+0.78 V (at VIO = +1.2 V)
+0.8 V (at VIO = +3.3 V)
+0.63 V (at VIO = +1.8 V)
+0.42 V (at VIO = +1.2 V)
Output Signal
Minimum High-level Output Voltage
Maximum Low-level Output Voltage
VIO - 0.1 V (at Io = -100μA)
+0.1 V (at Io = 100μA)
8 Bit Digital I/O Specification (M9341B Only)
1. M9341A-001 provides conversion cable to the 36-pin centronics, female which is compatible with ENA and PNA handler I/F.
2. Some wait time may be required until the voltage reaches the setting value at voltage setting change. See help for more detail.


Số phần tương tự - M9341B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9340A KEYSIGHT-M9340A Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
logo
STMicroelectronics
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN3T STMICROELECTRONICS-M9346-BN3T Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M9346-BN6T STMICROELECTRONICS-M9346-BN6T Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
More results

Mô tả tương tự - M9341B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
   Digital I/O Module
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC_11 Datasheet
484Kb / 11P
   DIGITAL SENSOR I/O DRIVER
logo
Keysight Technologies
E1458A KEYSIGHT-E1458A Datasheet
180Kb / 4P
   96-Channel Digital I/O
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC_17 Datasheet
519Kb / 12P
   DIGITAL SENSOR I/O DRIVER
IC-DXC3 ICHAUS-IC-DXC3 Datasheet
566Kb / 12P
   DIGITAL SENSOR I/O DRIVER
logo
List of Unclassifed Man...
USB-DIO32HS ETC-USB-DIO32HS Datasheet
847Kb / 4P
   High-Speed Digital I/O
April 2018. Rev 5
logo
National Instruments Co...
USB-6509 NI-USB-6509 Datasheet
393Kb / 6P
   Portable digital I/O device / 96 bidirectional I/O channels
logo
Analog Devices
6B50-2 AD-6B50-2_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
logo
Contec Co., Ltd
DIO-0808TY-USB CONTEC-DIO-0808TY-USB Datasheet
166Kb / 3P
   Digital I/O Terminal for USB2.0
logo
List of Unclassifed Man...
MB961 ETC2-MB961 Datasheet
838Kb / 1P
   Watchdog timer, Digital I/O, iSMART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com