công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9381A bảng dữ liệu(PDF) 6 Page - Keysight Technologies

tên linh kiện M9381A
Giải thích chi tiết về linh kiện  M9300A PXIe Frequency Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9381A bảng dữ liệu(HTML) 6 Page - Keysight Technologies

Back Button M9381A Datasheet HTML 2Page - Keysight Technologies M9381A Datasheet HTML 3Page - Keysight Technologies M9381A Datasheet HTML 4Page - Keysight Technologies M9381A Datasheet HTML 5Page - Keysight Technologies M9381A Datasheet HTML 6Page - Keysight Technologies M9381A Datasheet HTML 7Page - Keysight Technologies M9381A Datasheet HTML 8Page - Keysight Technologies M9381A Datasheet HTML 9Page - Keysight Technologies M9381A Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
06 | Keysight | M9300A PXIe Frequency Reference - Data Sheet
Technical Specifications and Characteristics (continued)
Environmental and physical specifications
Temperature
Operating
Non-Operating (Storage)
0 to 55 °C
–40 to +70 °C
Humidity 1
Type tested at 95%, +40 °C (non-condensing)
Altitude
Up to 15,000 feet (4,572 meters)
EMC
Complies with European EMC Directive 2004/108/EC
– IEC/EN 61326-2-1
– CISPR Pub 11 Group 1, class A
– AS/NZS CISPR 11
– ICES/NMB-001
This ISM device complies with Canadian ICES-001.
Cet appareil ISM est conforme a la norme NMB-001 du Canada.
Warm-up time
30 minutes
Size
1 PXIe slot
Dimensions
Length 210 mm, Width 22 mm, Height 130 mm
Weight
0.551 kg (1.215 lbs)
Power drawn from chassis
≤ 18 W
System requirements
Operating systems
Windows 7 (32-bit and 64-bit)
Processor speed
1 GHz 32-bit (x86), 1 GHz 64-bit (x64)
(no support for Itanium 64)
Available memory
4 GB minimum
8 GB or greater recommended
Available disk space 2
1.5 GB available hard disk space, includes:
– 1 GB available for Microsoft .NET Framework 3.5 SP1
– 100 MB for Keysight IO Libraries Suite
Video
Support for DirectX 9 graphics with 128 MB graphics
memory recommended
(Super VGA graphics is supported)
Browser
Microsoft Internet Explorer 7.0 or greater
1. Samples of this product have been type tested in accordance with the Keysight Environmental Test Manual and verified to be robust against the
environmental stresses of Storage, Transportation and End-use; those stresses include but are not limited to temperature, humidity, shock, vibration,
altitude and power line conditions. Test Methods are aligned with IEC 60068-2 and levels are similar to MIL-PRF-28800F Class 3.
2. NET framework runtime components are installed by default with Windows 7. Therefore, you may not need this amount of available disk space.


Số phần tương tự - M9381A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results

Mô tả tương tự - M9381A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AN6342N ETC1-AN6342N Datasheet
131Kb / 3P
   VTR REFERENCE FREQUENCY DIVIDER
logo
Abracon Corporation
SYNC-10MHZ ABRACON-SYNC-10MHZ Datasheet
2Mb / 2P
   Portable Precision Frequency Reference
10.02.11
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
M9380A KEYSIGHT-M9380A_18 Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9203A KEYSIGHT-M9203A_18 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9018B KEYSIGHT-M9018B Datasheet
2Mb / 14P
   18-slot PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com