công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9393A bảng dữ liệu(PDF) 3 Page - Keysight Technologies

tên linh kiện M9393A
Giải thích chi tiết về linh kiện  M9300A PXIe Frequency Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A bảng dữ liệu(HTML) 3 Page - Keysight Technologies

  M9393A Datasheet HTML 1Page - Keysight Technologies M9393A Datasheet HTML 2Page - Keysight Technologies M9393A Datasheet HTML 3Page - Keysight Technologies M9393A Datasheet HTML 4Page - Keysight Technologies M9393A Datasheet HTML 5Page - Keysight Technologies M9393A Datasheet HTML 6Page - Keysight Technologies M9393A Datasheet HTML 7Page - Keysight Technologies M9393A Datasheet HTML 8Page - Keysight Technologies M9393A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
03 | Keysight | M9300A PXIe Frequency Reference - Data Sheet
Technical Specifications and Characteristics
Figure 2. M9300A PXIe frequency reference block diagram.
Block diagram
M9300A PXIe Frequency Reference
Ref In
100 MHz PLL
10 MHz OCXO
TIMEBASE
100 MHz
Out 1
100 MHz
Out 2
100 MHz
Out 3
100 MHz
Out 4
100 MHz
Out 5
100 MHz
10 MHz Out
10 MHz
OXCO Out
10 MHz
Divide
by 10
(1 to 110 MHz)
(+13 dBm sine
all 100 MHz Outs)
(10 MHz, +10 dBm
to 16 dBm, sine)
Definitions for specifications
Temperatures referred to in this document are defined as follows:
– Operating ambient temperature = 0 to 55 ° C and individual
module temperature of ≤ 75 ° C
– Room temperature = 20 to 30 ° C and individual module
temperature of ≤ 55 ° C
Specifications describe the warranted performance of
calibrated instruments. Data represented in this document
are specifications unless otherwise noted.
Specifications are warranted under the following conditions:
– Calibrated instruments that have been stored for a minimum
of 2 hours within the operating ambient temperature range
– 30 minute warm-up time
– Calibration cycle maintained
Characteristics describe product performance that is useful in
the application of the product. Characteristics are often referred
to as Typical or Nominal values and are italicized.
Typical describes characteristic performance, which 80% of
instruments will meet when operated at room temperature.
Nominal describes representative performance that is useful
in the application of the product when operated at room
temperature.
Note: All graphs contain measured data from several units at
room temperature unless otherwise noted.
Recommended best practices in use
– Use slot blockers and EMC filler panels in empty module
slots to ensure proper operating temperatures.
– Keysight chassis and slot blockers optimize module
temperature performance and reliability of test.
– At operating ambient temperatures above 45 °C, chassis
fan should be set to high.


Số phần tương tự - M9393A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A-300 KEYSIGHT-M9393A-300 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
More results

Mô tả tương tự - M9393A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AN6342N ETC1-AN6342N Datasheet
131Kb / 3P
   VTR REFERENCE FREQUENCY DIVIDER
logo
Abracon Corporation
SYNC-10MHZ ABRACON-SYNC-10MHZ Datasheet
2Mb / 2P
   Portable Precision Frequency Reference
10.02.11
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
M9380A KEYSIGHT-M9380A_18 Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9203A KEYSIGHT-M9203A_18 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9018B KEYSIGHT-M9018B Datasheet
2Mb / 14P
   18-slot PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com