công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9360A bảng dữ liệu(PDF) 3 Page - Keysight Technologies

tên linh kiện M9360A
Giải thích chi tiết về linh kiện  M9362AD01
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9360A bảng dữ liệu(HTML) 3 Page - Keysight Technologies

  M9360A Datasheet HTML 1Page - Keysight Technologies M9360A Datasheet HTML 2Page - Keysight Technologies M9360A Datasheet HTML 3Page - Keysight Technologies M9360A Datasheet HTML 4Page - Keysight Technologies M9360A Datasheet HTML 5Page - Keysight Technologies M9360A Datasheet HTML 6Page - Keysight Technologies M9360A Datasheet HTML 7Page - Keysight Technologies M9360A Datasheet HTML 8Page - Keysight Technologies M9360A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Easy Setup…Test…and Maintenance
Hardware platform
Connectors
The M9168C/E comes with 3.5 mm (f) (SMA compatible)/2.4 mm
(f) high quality RF coaxial connectors for 50 Ω.
Compliance
The M9168C/E is PXI compliant, using either a PXI-H, PXI-1
or cPCI slot. Designed to benefit from fast data interfaces, the
M9168C/E can be integrated with other test and automation
modules into PXI, Compact PCI®, and Hybrid chassis. The PXI
format offers high performance in a small, rugged package, and
it’s an ideal platform for many automated test systems. A wide
array of complementary PXI products are currently available
and include multimeters, waveform generators, local oscillators,
digitizers, and switch multiplexers.
Software platform
Drivers
Keysight‘s M9168C/E comes complete with software drivers
for Windows XP, Windows Vista, Windows 7, and LabVIEW.
Also included are application code examples for LabVIEW,
LabWindows/CVI, Visual Studio, C, C++, MATLAB.
Soft Front Panel
The M9168C/E graphical user interface guides developers
through the module setup process. Users can quickly configure
the module parameters. The interfaces are implemented using
the IVI standard supporting both IVI-COM and IVI-C.
Soft front panel of M9168C/E provides an intuitive approach for
program simulation and troubleshooting. The soft front panel
comes in Uncorrected and Corrected instance.
Uncorrected — User sees the nominal value of the attenuation in
this instance, regardless of operating frequency.
Corrected — Calibration data is burnt in the module EEPROM
at factory and is unique to each step attenuator module. The
corrected data is the attenuation value by frequency. User could
read the actual attenuation value that changes with frequency,
and with accuracy up to 2 decimal points.
Figure 1a. Uncorrected instance of M9168C/E soft front panel
Figure 1b. Corrected instance of M9168C/E soft front panel
Figure 1c. Onboard cycle count per attenuation section tracking
eases maintenance and reduces unexpected system downtime
03 | Keysight | Programmable Step Attenuator Module M9168C DC to 26.5 GHz, M9168E DC to 50 GHz – Data Sheet


Số phần tương tự - M9360A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9360A KEYSIGHT-M9360A Datasheet
2Mb / 10P
   M9155/6/7C PXI Hybrid Switch Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com