công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9362AD01 bảng dữ liệu(PDF) 11 Page - Keysight Technologies

tên linh kiện M9362AD01
Giải thích chi tiết về linh kiện  PXIe High-Speed Digitizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9362AD01 bảng dữ liệu(HTML) 11 Page - Keysight Technologies

Back Button M9362AD01 Datasheet HTML 6Page - Keysight Technologies M9362AD01 Datasheet HTML 7Page - Keysight Technologies M9362AD01 Datasheet HTML 8Page - Keysight Technologies M9362AD01 Datasheet HTML 9Page - Keysight Technologies M9362AD01 Datasheet HTML 10Page - Keysight Technologies M9362AD01 Datasheet HTML 11Page - Keysight Technologies M9362AD01 Datasheet HTML 12Page - Keysight Technologies M9362AD01 Datasheet HTML 13Page - Keysight Technologies M9362AD01 Datasheet HTML 14Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11 | Keysight | M9203A PXIe High-Speed Digitizer/Wideband Digital Receiver - Data Sheet
1. Samples of this product have been type tested in accordance with the Keysight Environmental Test Manual and verified to be robust against the environ-
mental stresses of Storage, Transportation and End-use; those stresses include but are not limited to temperature, humidity, shock, vibration, altitude and
power line conditions. Test Methods are aligned with IEC 60068-2 and levels are similar to MIL-PRF-28800F Class 3.
Technical Specifications and Characteristics (continued)
Environmental and physical1
Temperature range
Operating
0 to +50 °C (sea-level to 10,000 feet)2
0 to +45 °C (10,000 to 15,000 feet)2
Non-operating
–40 to +70 °C
Altitude
Up to 15,000 feet (4’572 meters)
EMC
Complies with European EMC Directive
– IEC/EN 61326-1
– CISPR Pub 11 Group 1, class A
– AS/NZS CISPR 11
– ICES/NMB-001
This ISM device complies with Canadian ICES-001.
Cet appareil ISM est conforme à la norme NMB-001 du Canada.
Acoustic
European Machinery Directive
Acoustic noise emission
LpA < 70 dB
Operator position
Normal operation mode
Power dissipation
+ 3.3 V
+ 12 V
Power on PXI connector
3.2 A (typical)
3.5 A (typical)
55 W (typical)
Mechanical characteristics
Form Factor
3U/2-slot PXI-Express
Chassis slot compatibility: PXI Hybrid, PXIe
Front panel complies with IEEE1101.10 certification
Size
Length 185 mm x Width 130 mm x Height 40mm
Weight
0.8 kg (1.76 lbs)


Số phần tương tự - M9362AD01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F26 KEYSIGHT-M9362AD01-F26 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F40 KEYSIGHT-M9362AD01-F40 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F50 KEYSIGHT-M9362AD01-F50 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
More results

Mô tả tương tự - M9362AD01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9203A KEYSIGHT-M9203A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer/ Wideband Digital Receiver
M9217A KEYSIGHT-M9217A Datasheet
843Kb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9217A KEYSIGHT-M9217A_17 Datasheet
1Mb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
M9703A KEYSIGHT-M9703A Datasheet
1Mb / 16P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
M9703B KEYSIGHT-M9703B Datasheet
3Mb / 20P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
U5303A KEYSIGHT-U5303A Datasheet
3Mb / 16P
   PCIe High-Speed Digitizer with On-Board Processing
U5309A KEYSIGHT-U5309A Datasheet
3Mb / 14P
   PCIe High-Speed Digitizer with On-Board Processing
U5310A KEYSIGHT-U5310A Datasheet
1Mb / 12P
   PCIe High-Speed Digitizer with On-Board Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com