công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

YY8 bảng dữ liệu(PDF) 3 Page - Advanced Power Electronics Corp.

tên linh kiện YY8
Giải thích chi tiết về linh kiện  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  A-POWER [Advanced Power Electronics Corp.]
Trang chủ  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

YY8 bảng dữ liệu(HTML) 3 Page - Advanced Power Electronics Corp.

  YY8 Datasheet HTML 1Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 2Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 3Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 4Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 5Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 6Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 7Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 8Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP3700Y
P-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
VGS=-10V, ID=-4A
-
-
45
mΩ
VGS=-4.5V, ID=-3A
-
-
85
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-2
V
gfs
Forward Transconductance
VDS=-5V, ID=-4A
-
7.5
-
S
IDSS
Drain-Source Leakage Current
VDS=-24V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=-3A
-
6
9.6
nC
Qgs
Gate-Source Charge
VDS=-15V
-
1.8
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
2.1
-
nC
td(on)
Turn-on Delay Time
VDS=-15V
-
10
-
ns
tr
Rise Time
ID=-1A
-
11
-
ns
td(off)
Turn-off Delay Time
RG=6Ω
-30
-
ns
tf
Fall Time
VGS=-10V
-
14
-
ns
Ciss
Input Capacitance
VGS=0V
-
610
980
pF
Coss
Output Capacitance
VDS=-15V
-
100
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
70
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=-1.2A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-4A, VGS=0V
-
12
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
4
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
3
RDS(ON)
Static Drain-Source On-Resistance
2
3.Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec ; 210oC/W at steady state.
.


Mô tả tương tự - YY8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com