công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAH48S18-40 bảng dữ liệu(PDF) 2 Page - Wall Industries,Inc.

tên linh kiện CAH48S18-40
Giải thích chi tiết về linh kiện  Single, Dual, and Triple Output Ultra Wide Input Voltage Range Up to 40 Watts DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WALL [Wall Industries,Inc.]
Trang chủ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CAH48S18-40 bảng dữ liệu(HTML) 2 Page - Wall Industries,Inc.

  CAH48S18-40 Datasheet HTML 1Page - Wall Industries,Inc. CAH48S18-40 Datasheet HTML 2Page - Wall Industries,Inc. CAH48S18-40 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/03/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 3
CAH Series
Single, Dual, and Triple Output
Ultra Wide Input Voltage Range
Up to 40 Watts DC/DC Converter
Rev B
MODEL SELECTION GUIDE
Model Number
Input Voltage Range
Output Voltage
Output Current
Over Voltage Set-Point
Output Power
CAH5S3.3-25
3.3 VDC
7.58A
5.1 VDC
25W
CAH5S5-25
5 VDC
5.0A
6.2 VDC
25W
CAH5S12-25
12 VDC
2.0A
15 VDC
24W
CAH5S15-25
15 VDC
1.6A
18 VDC
24W
CAH5S18-25
18 VDC
1.38A
21 VDC
25W
CAH5D5-25
±5 VDC
2.5A
6.2 VDC
25W
CAH5D12-25
±12 VDC
1.04A
15 VDC
25W
CAH5D15-25
5VDC
(4.5 – 9 VDC)
±15 VDC
0.83A
18 VDC
25W
CAH24S3.3-25
3.3 VDC
7.58A
5.1 VDC
25W
CAH24S5-25
5 VDC
5.0A
6.2 VDC
25W
CAH24S5-40
5 VDC
8.0A
6.2 VDC
40W
CAH24S12-25
12 VDC
2.0A
15 VDC
24W
CAH24S12-40
12 VDC
3.3A
15 VDC
40W
CAH24S15-25
15 VDC
1.6A
18 VDC
24W
CAH24S15-40
15 VDC
2.66A
18 VDC
40W
CAH24S18-25
18 VDC
1.38A
21 VDC
25W
CAH24S18-40
18 VDC
2.22A
21 VDC
40W
CAH24D12-30
±12 VDC
1.25A
15 VDC
30W
CAH24D12-40
±12 VDC
1.66A
15 VDC
40W
CAH24D15-30
±15 VDC
1.0A
18 VDC
30W
CAH24D15-40
±15 VDC
1.33A
18 VDC
40W
CAH24T12-30
+5 / ±12 VDC
4.0 / ±0.42A
6.2 / 15 VDC
30W
CAH24T15-30
24VDC
(9 – 36 VDC)
+5 / ±15 VDC
4.0 / ±0.33A
6.2 / 18 VDC
30W
CAH48S3.3-25
3.3 VDC
7.58A
5.1 VDC
25W
CAH48S5-25
5 VDC
5.0A
6.2 VDC
25W
CAH48S5-40
5 VDC
8.0A
6.2 VDC
40W
CAH48S12-25
12 VDC
2.0A
15 VDC
24W
CAH48S12-40
12 VDC
3.3A
15 VDC
40W
CAH48S15-25
15 VDC
1.6A
18 VDC
24W
CAH48S15-40
15 VDC
2.66A
18 VDC
40W
CAH48S18-25
18 VDC
1.38A
21 VDC
25W
CAH48S18-40
18 VDC
2.22A
21 VDC
40W
CAH48D12-30
±12 VDC
1.25A
15 VDC
30W
CAH48D12-40
±12 VDC
1.66A
15 VDC
40W
CAH48D15-30
±15 VDC
1.0A
18 VDC
30W
CAH48D15-40
±15 VDC
1.33A
18 VDC
40W
CAH48T12-30
+5 / ±12 VDC
4.0 / ±0.42A
6.2 / 15 VDC
30W
CAH48T15-30
48VDC
(18 – 75 VDC)
+5 / ±15 VDC
4.0 / ±0.33A
6.2 / 18 VDC
30W
NOTES
1. All case and pin dimensions reference only unless otherwise noted.
2. Baseplate protrudes 0.02”, two sides.
3. PC pins 0.04” dia x 0.18” long minimum: typical nine places.
4. Pin-to-pin tolerance ±0.01”. Pin dimension tolerance ±0.005”.
5. 10% minimum load required on outputs.
Singles: ±1% min. to full load
Duals: ±1% min. to full load (balanced)
±5% min. to max load (unbalanced)
Triples: ±1% min. to full load (main output)
±5% min to full load aux (unbalanced)
6. Significant capacitive load may inhibit start-up and operation, consult factory.
7. Ripple & Noise is measured with a 0.1μF capacitor across the output.


Số phần tương tự - CAH48S18-40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CAHC1G04QDCKRG4Q1 TI1-CAHC1G04QDCKRG4Q1 Datasheet
849Kb / 13P
[Old version datasheet]   SINGLE INVERTER GATE
CAHC1G125QDBVRQ1 TI-CAHC1G125QDBVRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC1G125-Q1 Automotive Single Bus Buffer Gate With 3-State Output
REVISED OCTOBER 2023
CAHC1G125QDCKRQ1 TI1-CAHC1G125QDCKRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G125-Q1 Automotive Single Bus Buffer Gate With 3-State Output
JULY 2023
CAHC1G125QDCKRQ1 TI-CAHC1G125QDCKRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC1G125-Q1 Automotive Single Bus Buffer Gate With 3-State Output
REVISED OCTOBER 2023
CAHC1G126QDBVRQ1 TI-CAHC1G126QDBVRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC1G126-Q1 Automotive Single Bus Buffer Gate With 3-State Output
REVISED OCTOBER 2023
More results

Mô tả tương tự - CAH48S18-40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wall Industries,Inc.
CMKR WALL-CMKR_18 Datasheet
202Kb / 3P
   Up to 6 Watts Single Output DC/DC Converter 2:1 and 4:1 Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW WALL-DBW Datasheet
107Kb / 4P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com