công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAH48S5-25 bảng dữ liệu(PDF) 1 Page - Wall Industries,Inc.

tên linh kiện CAH48S5-25
Giải thích chi tiết về linh kiện  Single, Dual, and Triple Output Ultra Wide Input Voltage Range Up to 40 Watts DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WALL [Wall Industries,Inc.]
Trang chủ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CAH48S5-25 bảng dữ liệu(HTML) 1 Page - Wall Industries,Inc.

  CAH48S5-25 Datasheet HTML 1Page - Wall Industries,Inc. CAH48S5-25 Datasheet HTML 2Page - Wall Industries,Inc. CAH48S5-25 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/03/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 3
CAH Series
Single, Dual, and Triple Output
Ultra Wide Input Voltage Range
Up to 40 Watts DC/DC Converter
Rev B
FEATURES
● Regulated Outputs
● Remote On/Off Control
● Industry Standard Pin-Out
● 500VDC Minimum I/O Isolation
● Redesigned for Higher Efficiency
● Ultra-Wide Input Voltage Range (4:1)
● Thermal Shutdown with Auto-Recovery
● Current Limiting Short Circuit Protection
● LC Input Filter for low Reflected Ripple Current
● Operating Temperature –40°C to +100°C Baseplate
DESCRIPTION
The CAH series of single, dual, and triple output dc/dc converters performs over an ultra-wide input voltage range (4:1),
providing indefinite short-circuit and over-voltage protection. The CAH series design technology allows for up to 40 watts
output power from a 3.0" x 3.0" x 0.55", or 3.6" x 3.0" x 0.55" with baseplate. These current mode control forward converters
are designed for improved transient response and reduced stress on switching components.
SPECIFICATIONS: CAH Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range .......5V nominal input .................4.5 - 9VDC
24V nominal input.................9 - 36VDC
48V nominal input..............18 - 75 VDC
Input Filter ................................................................ LC input filter
Remote On/Off Control .................................. Open Collector TTL
OUTPUT SPECIFICATIONS
Output Voltage ................................................................ see table
External Output Trim ......................................±10% (primary only)
Voltage Tolerance .............................. ±1% primary, ±2% auxiliary
Output Current ................................................................ see table
Output Power .................................................................. see table
Line Regulation .............................. ±0.5% primary, ±1% auxiliary
Load Regulation ......................... ±1% single outputs (see note 5)
Ripple/Noise (20MHz BW) ........................... 1% Vout (see note 7)
Transient Response ........................... < 200μs to within ±1% Vout
Temperature Coefficient.........................................0.02%/°C max.
PROTECTION SPECIFICATIONS
Short Circuit Protection............................continuous, hiccup mode
Over Voltage Protection..............................................Zener Clamp
Current Limiting .....................................................Power Foldback
GENERAL SPECIFICATIONS
Efficiency ...................................................................... 85% typical
Switching Frequency .................................................. 300kHz (typ)
Isolation Voltage (Input to Output) ............................500VDC (min)
Isolation Resistance (Input to Output)..................................500MΩ
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature (ambient) ....... -40°C to +100°C Baseplate
Storage Temperature............................................ -55°C to +100°C
Humidity (non-condensing) ....................................20% to 95% RH
PHYSICAL SPECIFICATIONS
Weight ...........................................................Approximately 7.0 oz
Dimensions (L x W x H) ...............................3.0 x 3.0 x 0.55 inches
Dimensions with Baseplate (L x W x H).......3.6 x 3.0 x 0.55 inches
Case Material.................. Black coated metal, aluminum baseplate
Shielding ......................................................................... six - sided
Due to advances in technology, specifications subject to change without notice


Số phần tương tự - CAH48S5-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CAHC1G04QDCKRG4Q1 TI1-CAHC1G04QDCKRG4Q1 Datasheet
849Kb / 13P
[Old version datasheet]   SINGLE INVERTER GATE
CAHC1G125QDBVRQ1 TI-CAHC1G125QDBVRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC1G125-Q1 Automotive Single Bus Buffer Gate With 3-State Output
REVISED OCTOBER 2023
CAHC1G125QDCKRQ1 TI1-CAHC1G125QDCKRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G125-Q1 Automotive Single Bus Buffer Gate With 3-State Output
JULY 2023
CAHC1G125QDCKRQ1 TI-CAHC1G125QDCKRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC1G125-Q1 Automotive Single Bus Buffer Gate With 3-State Output
REVISED OCTOBER 2023
CAHC1G126QDBVRQ1 TI-CAHC1G126QDBVRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC1G126-Q1 Automotive Single Bus Buffer Gate With 3-State Output
REVISED OCTOBER 2023
More results

Mô tả tương tự - CAH48S5-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wall Industries,Inc.
CMKR WALL-CMKR_18 Datasheet
202Kb / 3P
   Up to 6 Watts Single Output DC/DC Converter 2:1 and 4:1 Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW WALL-DBW Datasheet
107Kb / 4P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com