công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC79L15ACDR2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC79L15ACDR2G
Giải thích chi tiết về linh kiện  100 mA Negative Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L15ACDR2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC79L15ACDR2G Datasheet HTML 1Page - ON Semiconductor MC79L15ACDR2G Datasheet HTML 2Page - ON Semiconductor MC79L15ACDR2G Datasheet HTML 3Page - ON Semiconductor MC79L15ACDR2G Datasheet HTML 4Page - ON Semiconductor MC79L15ACDR2G Datasheet HTML 5Page - ON Semiconductor MC79L15ACDR2G Datasheet HTML 6Page - ON Semiconductor MC79L15ACDR2G Datasheet HTML 7Page - ON Semiconductor MC79L15ACDR2G Datasheet HTML 8Page - ON Semiconductor MC79L15ACDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 10
1
Publication Order Number:
MC79L00/D
MC79L00A Series
100 mA Negative Voltage
Regulators
The MC79L00A Series negative voltage regulators are
inexpensive, easy−to−use devices suitable for numerous applications
requiring up to 100 mA. Like the higher powered MC7900 Series
negative regulators, this series features thermal shutdown and current
limiting, making them remarkably rugged. In most applications, no
external components are required for operation.
The MC79L00A devices are useful for on−card regulation or any
other application where a regulated negative voltage at a modest
current level is needed. These regulators offer substantial advantage
over the common resistor/Zener diode approach.
Features
No External Components Required
Internal Short Circuit Current Limiting
Internal Thermal Overload Protection
Low Cost
Complementary Positive Regulators Offered (MC78L00 Series)
Pb−Free Packages are Available
*Automotive temperature range selections are available with special test conditions
and additional tests in 5, 12 and 15 V devices. Contact your local ON Semiconductor
sales office for information.
R1
R2
Z1
R3
R
5
R18
Q1
R6
Q4
R7
R4
R8
Q5
Q10
Q8
R9
Q14
Q9
C
Q6
R10
R11
Q7
Q2
Q11
R14
R15
Q13
Q12
R16
R17
GND
Output
Input
Figure 1. Representative Schematic Diagram
THREE−TERMINAL LOW
CURRENT NEGATIVE FIXED
VOLTAGE REGULATORS
TO−92
P SUFFIX
CASE 29
SOIC−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
Pin 1. Ground
2. Input
3. Output
Pin 1. Vout
2. Vin
3. Vin
4. NC
5. GND
6. Vin
7. Vin
8. NC
xxx
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
y
= B or C
G
= Pb−Free Package
MC79L
xxxxx
ALYW
G
G
1
8
(Note: Microdot may be in either location)
9Lxxx
ALYWy
G
1
8
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
www.onsemi.com


Số phần tương tự - MC79L15ACDR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC79L15ACDR2G ONSEMI-MC79L15ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

Mô tả tương tự - MC79L15ACDR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com