công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSE8355T bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện KSE8355T
Giải thích chi tiết về linh kiện  General Purpose and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE8355T bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  KSE8355T Datasheet HTML 1Page - Fairchild Semiconductor KSE8355T Datasheet HTML 2Page - Fairchild Semiconductor KSE8355T Datasheet HTML 3Page - Fairchild Semiconductor KSE8355T Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse test: PW
≤300µs, duty cycle≤2% Pulse
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
- 70
V
VCEO
Collector-Emitter Voltage
- 60
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current
- 10
A
IB
Base Current
- 6
A
PC
Collector Dissipation (TC=25°C)
75
W
PC
Collector Dissipation (Ta=25°C)
0.6
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCEO
Collector- Emitter Breakdown Voltage
IC= - 200mA, IB = 0
-60
V
ICEO
Collector Cut-off Current
VCE = - 30V, IB = 0
-700
µA
ICEX1
Collector Cut-off Current
VCE = - 70V, VBE(off) = 1.5V
-1
mA
ICEX2
Collector Cut-off Current
VCE = - 70V, VBE(off) = 1.5V
@ TC = 150°C
-5
mA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
-5
mA
hFE
* DC Current Gain
VCE = - 4V, IC = - 4A
VCE = - 4V, IC = - 10A
20
5
100
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 4A, IB = - 0.4A
IC = - 10A, IB = - 3.3A
-1.1
-8
V
V
VBE (on)
* Base-Emitter ON Voltage
VCE = - 4V, IC = - 4A
-1.8
V
fT
Current Gain Bandwidth Product
VCE = - 10V, IC = - 500mA
2
MHz
KSE2955T
General Purpose and Switching Applications
DC Current Gain Specified to IC = 10 A
• High Current Gain Bandwidth Product : fT = 2MHz (Min.)
1.Base
2.Collector
3.Emitter
1
TO-220


Số phần tương tự - KSE8355T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KSE800 FAIRCHILD-KSE800 Datasheet
73Kb / 3P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
KSE800 FAIRCHILD-KSE800 Datasheet
55Kb / 4P
   Monolithic Construction With Built-in Base-Emitter Resistors
KSE800 FAIRCHILD-KSE800_01 Datasheet
55Kb / 4P
   Monolithic Construction With Built-in Base-Emitter Resistors
KSE801 FAIRCHILD-KSE801 Datasheet
73Kb / 3P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
KSE801 FAIRCHILD-KSE801 Datasheet
55Kb / 4P
   Monolithic Construction With Built-in Base-Emitter Resistors
More results

Mô tả tương tự - KSE8355T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
KSE3055T FAIRCHILD-KSE3055T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
MJE3055T FAIRCHILD-MJE3055T Datasheet
36Kb / 4P
   General Purpose and Switching Applications
MJE2955T FAIRCHILD-MJE2955T Datasheet
37Kb / 4P
   General Purpose and Switching Applications
logo
Boca Semiconductor Corp...
TIP31 BOCA-TIP31 Datasheet
25Kb / 2P
   General Purpose Amplifier and Switching Applications
TIP41 BOCA-TIP41 Datasheet
25Kb / 2P
   General Purpose Amplifier and Switching Applications
TIP29 BOCA-TIP29 Datasheet
26Kb / 2P
   General purpose Amplifier and Switching Applications
logo
Samsung semiconductor
MJE3055T SAMSUNG-MJE3055T Datasheet
216Kb / 6P
   NPN (GENERAL PURPOSE AND SWITCHING APPLICATIONS)
logo
Sanyo Semicon Device
2SK3912 SANYO-2SK3912 Datasheet
38Kb / 4P
   General-Purpose Switching Device Applications
2SK3819 SANYO-2SK3819 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com