công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5Z17A bảng dữ liệu(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SM5Z17A bảng dữ liệu(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
1 / 3 page Working Voltage: 10 to 43 V Peak Pulse Power: 3600 W Note: Peak forward surge current 8.3 ms single half sine- IFSM 500 A Operating junction and storage temperature range TJ, TSTG –55 to +175 °C (1)Non-repetitive current pulse per Fig.2 and derated above TA= 25 °C per Fig.1 Peak pulse current wih a 10/1000 s waveform(1) IPP See Next Table A Power dissipation on infinite heatsink at TL = 25 °C PD 5.0 W Peak power dissipation with a 10/1000 s waveform(1) PPP 3600 W Peak power dissipation with a 10/10,000 s waveform PPP 2800 W Polarity: Heatsink is anode Maximum Ratings(TA=25 unless otherwise noted) Parameter Symbol Value UNIT Case: DO-218AB Molding compound: UL94V-0 flammability Very fast response time RoHS compliant DO-218AB Mechanical Data Excellent clamping capability 3600 W peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle):0.01 % AEC-Q101 qualified Low leakage current Uni-directional polarity Automotive Protection TJ = 175 °C capability suitable for high reliability and automotive requirement Meet ISO 7637-2 5a/5b and ISO 16750 load dump test (varied by test condition) Low forward voltage drop SM5Z Series Surface Mount Transient Voltage Suppressors Features Optimized glass passivated chip PACKAGE OUTLINE DIMENSIONS(millimeters) Recommended Mounting Pad Layout 11.0 9.5 15.8 3.5 3.0 3.3 ht t p : // www.lgesemi.com mail:lge@lgesemi.com Revision:201 70701-P1 |
Số phần tương tự - SM5Z17A |
|
Mô tả tương tự - SM5Z17A |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |