công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5Z11A bảng dữ liệu(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

tên linh kiện SM5Z11A
Giải thích chi tiết về linh kiện  Automotive Protection Surface Mount Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Trang chủ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SM5Z11A bảng dữ liệu(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SM5Z11A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SM5Z11A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SM5Z11A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Min (V)
Max (V)
IT (mA)
SM5Z10A
11.1
12.3
5.0
15
250
10
212
17.0
SM5Z11A
12.2
13.5
5.0
10
150
11
198
18.2
SM5Z12A
13.3
14.7
5.0
10
150
12
181
19.9
SM5Z13A
14.4
15.9
5.0
10
150
13
167
21.5
SM5Z14A
15.6
17.2
5.0
10
150
14
155
23.2
SM5Z15A
16.7
18.5
5.0
10
150
15
148
24.4
SM5Z16A
17.8
19.7
5.0
10
150
16
138
26.0
SM5Z17A
18.9
20.9
5.0
10
150
17
130
27.6
SM5Z18A
20.0
22.1
5.0
10
150
18
123
29.2
SM5Z20A
22.2
24.5
5.0
10
150
20
111
32.4
SM5Z22A
24.4
26.9
5.0
10
150
22
101
35.5
SM5Z24A
26.7
29.5
5.0
10
150
24
93
38.9
SM5Z26A
28.9
31.9
5.0
10
150
26
86
42.1
SM5Z28A
31.1
34.4
5.0
10
150
28
79
45.4
SM5Z30A
33.3
36.8
5.0
10
150
30
74
48.4
SM5Z33A
36.7
40.6
5.0
10
150
33
68
53.3
SM5Z36A
40.0
44.2
5.0
10
150
36
62
58.1
SM5Z40A
44.4
49.1
5.0
10
150
40
56
64.5
SM5Z43A
47.8
52.8
5.0
10
150
43
52
69.4
1.Surge current waveform is defined at 10/1000uS waveform
2.For all types maximum VF = 2.0 V at IF = 100 A measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum
NOTE:
Electrical Characteristics(TA=25 unless otherwise noted)
Part Number
(Uni)
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM (uA)
Maximum
IR @VRWM
TJ=175
(uA)
Working
Peak Reverse
Voltage VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A) (1)
Maximum
Clamping
Voltage
VC@IPP (V)
Automotive Protection
SM5Z Series
Surface Mount
Transient Voltage Suppressors
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1
AMBIENAVERAGE FORWARD CURRENT, (A)
0
100
25
100
175
0
0 0
0.2 ##
0.5 76
1 50
1.5 33
2 23
3 13
4 10
0
5
1
6600
25
5
10
2800
##
0
100
1100
10
5200
100
1900
Fig. 3 - Steady State Power Derating Curve
Fig. 4 - Peak Pulse Power Rating Curve
Ratings and Characteristics Curves (TA=25 unless otherwise noted)
Fig. 1 - Pulse Derating Curve
Fig. 2 - Pulse Waveform
0.0
2.0
4.0
6.0
8.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL ( )
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,TA ( )
0
50
100
0
1
2
3
4
Time , (ms)
10/1000 sec. Waveform
Peak Value
(Ipp)
td
Tr=10 s
Half Value = Ipp
2
TJ = 25 C
Pulse Width (td) is defined as the
point where the peak current decays
to 50 % of Ipp
1000
10000
10
100
Pulse Width ,td (ms)


Số phần tương tự - SM5Z11A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anova Technologies CO.,...
SM5Z11A ANOVA-SM5Z11A Datasheet
614Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM5Z11A LUGUANG-SM5Z11A Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
More results

Mô tả tương tự - SM5Z11A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Luguang Electr...
SM5Z LUGUANG-SM5Z Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM8S LUGUANG-SM8S Datasheet
6Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM8Z LUGUANG-SM8Z Datasheet
5Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SM8Z ANOVA-SM8Z Datasheet
824Kb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com