công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRF100P218 bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG

tên linh kiện IRF100P218
Giải thích chi tiết về linh kiện  UPS and Inverter applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF100P218 bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG

  IRF100P218 Datasheet HTML 1Page - Infineon Technologies AG IRF100P218 Datasheet HTML 2Page - Infineon Technologies AG IRF100P218 Datasheet HTML 3Page - Infineon Technologies AG IRF100P218 Datasheet HTML 4Page - Infineon Technologies AG IRF100P218 Datasheet HTML 5Page - Infineon Technologies AG IRF100P218 Datasheet HTML 6Page - Infineon Technologies AG IRF100P218 Datasheet HTML 7Page - Infineon Technologies AG IRF100P218 Datasheet HTML 8Page - Infineon Technologies AG IRF100P218 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Final Datasheet
5
V1.0
2017-12-18
IR MOSFET-StrongIRFET™
IRF100P218
D
S
G
Table 6
Dynamic characteristics
Parameter
Symbol
Conditions
Values
Unit
Min. Typ. Max.
Forward Trans conductance
gfs
VDS = 25V, ID = 100A
240
-
-
S
Total Gate Charge
Qg
-
370
555
nC
Gate-to-Source Charge
Qgs
-
100
-
Gate-to-Drain Charge
Qgd
-
80
-
Total Gate Charge Sync. (Qg– Qgd)
Qsync
-
290
-
Turn-On Delay Time
td(on)
VDD = 50V
-
50
-
ns
Rise Time
tr
ID = 100A
-
110
-
Turn-Off Delay Time
td(off)
RG= 2.7
-
170
-
Fall Time
tf
VGS = 10V  
-
120
-
Input Capacitance
Ciss
VGS = 0V
-
25000
-
pF
Output Capacitance
Coss
VDS = 50V
-
4000
-
Reverse Transfer Capacitance
Crss
ƒ = 250kHz, See Fig.7
-
110
-
Effective Output Capacitance
(Energy Related)
Cosseff.(ER)
VGS = 0V, VDS = 0V to 80V 
-
4710
-
Output Capacitance (Time Related)
Cosseff.(TR)
VGS = 0V, VDS = 0V to 80V 
-
5540
-
ID = 100A
VDS = 50V
VGS = 10V
Table 7
Reverse Diode
Parameter
Symbol
Conditions
Values
Unit
Min. Typ. Max.
Continuous Source Current
IS
MOSFET symbol
-
-
462
A
(Body Diode)
showing the
Pulsed Source Current
integral reverse
-
-
780
(Body Diode) 
p-n junction diode.
Diode Forward Voltage
VSD
TJ = 25°C, IS= 100A,VGS = 0V 
-
-
1.2
V
Peak Diode Recovery dv/dt 
dv/dt
TJ = 175°C, IS = 100A,VDS= 100V
-
2.7
-
V/ns
Reverse Recovery Time
trr
TJ = 25°C
-
110
-
ns
TJ = 125°C 
-
120
-
Reverse Recovery Charge
Qrr
TJ = 25°C
-
280
-
nC
TJ = 125°C 
-
360
-
Reverse Recovery Current
IRRM
TJ = 25°C
-
4.7
-
A
ISM
VDD = 85V
IF = 100A,
di/dt=100A/µs 
Table 5
Static characteristics
Parameter
Symbol
Conditions
Values
Unit
Min. Typ. Max.
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 1mA
100
-
-
V
Breakdown Voltage Temp. Coefficient V(BR)DSS/TJ Reference to 25°C, ID = 2mA 
-
0.04
-
V/°C
Static Drain-to-Source On-Resistance
RDS(on)
VGS = 10V, ID = 100A
-
1.07
1.28
VGS = 6V, ID = 50A
-
1.3
1.5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 278µA
2.2
-
3.8
V
Drain-to-Source Leakage Current
IDSS
VDS = 100V, VGS = 0V
-
-
5.0
µA
VDS = 100V, VGS = 0V, TJ =125°C
-
-
100
Gate-to-Source Forward Leakage
IGSS
VGS = 20V
-
-
100
nA 
Gate Resistance
RG
-
0.6
-

m
3
Electrical characteristics
Electrical characteristics


Số phần tương tự - IRF100P218

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
IRF100P219 INFINEON-IRF100P219 Datasheet
1Mb / 17P
   UPS and Inverter applications
V2.0 2017-12-18
More results

Mô tả tương tự - IRF100P218

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
IRF100P219 INFINEON-IRF100P219 Datasheet
1Mb / 17P
   UPS and Inverter applications
V2.0 2017-12-18
IRF200P222 INFINEON-IRF200P222 Datasheet
1Mb / 17P
   UPS and Inverter applications
V1.0 2017-03-10
logo
Shenzhen Huazhimei Semi...
HM70N20T HMSEMI-HM70N20T Datasheet
402Kb / 9P
   UPS and inverter.
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF_15 Datasheet
272Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRL8114PBF IRF-IRL8114PBF_15 Datasheet
429Kb / 7P
   Optimized for UPS/Inverter Applications
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com