công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5272IPFPT bảng dữ liệu(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS5272IPFPT
Giải thích chi tiết về linh kiện  8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5272IPFPT bảng dữ liệu(HTML) 4 Page - Burr-Brown (TI)

  ADS5272IPFPT Datasheet HTML 1Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 2Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 3Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 4Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 5Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 6Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 7Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 8Page - Burr-Brown (TI) ADS5272IPFPT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADS5272
SBAS324 − JUNE 2004
www.ti.com
4
AC CHARACTERISTICS
TMIN = −40°C, TMAX = +85°C. Typical values are at TA = 25°C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V, LVDD = 3.3V,
−1dBFS, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
ADS5272
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
fIN = 1MHz
87
dBc
SFDR
Spurious-Free Dynamic Range
fIN = 5MHz
TBD
85
dBc
SFDR
Spurious-Free Dynamic Range
fIN = 10MHz
85
dBc
fIN = 20MHz
83
dBc
fIN = 1MHz
90
dBc
HD2 2nd-Order Harmonic Distortion
fIN = 5MHz
TBD
90
dBc
HD2 2nd-Order Harmonic Distortion
fIN = 10MHz
89
dBc
fIN = 20MHz
86
dBc
fIN = 1MHz
87
dBc
HD3 3rd-Order Harmonic Distortion
fIN = 5MHz
TBD
85
dBc
HD3 3rd-Order Harmonic Distortion
fIN = 10MHz
85
dBc
fIN = 20MHz
83
dBc
fIN = 1MHz
70.5
dBFS
SNR
Signal-to-Noise Ratio
fIN = 5MHz
TBD
70.5
dBFS
SNR
Signal-to-Noise Ratio
fIN = 10MHz
70.5
dBFS
fIN = 20MHz
70.5
dBFS
fIN = 1MHz
70
dBFS
SINAD
Signal-to-Noise and Distortion
fIN = 5MHz
TBD
70
dBFS
SINAD
Signal-to-Noise and Distortion
fIN = 10MHz
70
dBFS
fIN = 20MHz
70
dBFS
IMD
Two-Tone Intermodulation Distortion
f1 = 9.5MHz at −7dBFS
−85
dBFS
IMD
Two-Tone Intermodulation Distortion
f2 = 10.2MHz at −7dBFS
−85
dBFS
ENOB
Effective Number of Bits
fIN = 5MHz
11.3
Bits
Crosstalk
Signal Applied to 7 Channels;
Measurement Taken on the Channel with
No Input Signal
−90
dBc
LVDS DIGITAL DATA AND CLOCK OUTPUTS
Test conditions at IO = 3.5mA, RLOAD = 100Ω, and CLOAD = 9pF. IO refers to the current setting for the LVDS buffer. RLOAD is the differential load resistance
between the differential LVDS pair. CLOAD is the effective single-ended load capacitance between the differential LVDS pins and ground. CLOAD includes the
receiver input parasitics as well as the routing parasitics. Measurements are done with a transmission line of 100
Ω differential impedance between the device and
the load. All LVDS specifications are functionally tested, but not parametrically tested.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC SPECIFICATIONS(1)
VOH Output Voltage High, OUTP or OUTN
RLOAD = 100Ω ± 1%; See LVDS Timing Diagram, Page 7
1375
1500
mV
VOL Output Voltage Low, OUTP or OUTN
RLOAD = 100Ω ± 1%
900
1025
mV
 VOD Output Differential Voltage,  OUTP − OUTN
RLOAD = 100Ω ± 1%
300
350
400
mV
VOS Output Offset Voltage(2)
RLOAD = 100Ω ± 1%; See LVDS Timing Diagram, Page 7
1100
1200
1300
mV
CO
Output Capacitance(3)
VCM = 1.5V
4
pF
 ∆VOD Change in  VOD Between 0 and 1
RLOAD = 100Ω ± 1%
25
mV
∆VOS Change Between 0 and 1
RLOAD = 100Ω ± 1%
25
mV
ISOUT
Output Short-Circuit Current
Drivers Shorted to Ground
40
mA
ISOUTNP Output Current
Drivers Shorted Together
12
mA
DRIVER AC SPECIFICATIONS
Clock
Clock Signal Duty Cycle
6
× ADCLK
45
50
55
%
Minimum Data Setup TIme(4, 5)
650
ps
Minimum Data Hold Time(4, 5)
650
ps
tRISE/tFALL VOD Rise Time or VOD Fall Time
IO = 2.5mA
400
IO = 3.5mA
250
ps
IO = 4.5mA
200
ps
IO = 6mA
150
ps
(1) The DC specifications refer to the condition where the LVDS outputs are not switching, but are permanently at a valid logic level 0 or 1.
(2) VOS refers to the common-mode of OUTP and OUTN.
(3) Output capacitance inside the device, from either OUTP or OUTN to ground.
(4) Refer to the LVDS application note (SBAA118) for a description of data setup and hold times.
(5) Setup and hold time specifications take into account the effect of jitter on the output data and clock. These specifications also assume that the data and clock
paths are perfectly matched within the receiver. Any mismatch in these paths within the receiver would appear as reduced timing margins.


Số phần tương tự - ADS5272IPFPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5272IPFPT TI1-ADS5272IPFPT Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
ADS5272IPFPTG4 TI1-ADS5272IPFPTG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
More results

Mô tả tương tự - ADS5272IPFPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com