công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DZ435N bảng dữ liệu(PDF) 2 Page - Infineon Technologies AG

tên linh kiện DZ435N
Giải thích chi tiết về linh kiện  Pressure contact technology for high reliability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DZ435N bảng dữ liệu(HTML) 2 Page - Infineon Technologies AG

  DZ435N Datasheet HTML 1Page - Infineon Technologies AG DZ435N Datasheet HTML 2Page - Infineon Technologies AG DZ435N Datasheet HTML 3Page - Infineon Technologies AG DZ435N Datasheet HTML 4Page - Infineon Technologies AG DZ435N Datasheet HTML 5Page - Infineon Technologies AG DZ435N Datasheet HTML 6Page - Infineon Technologies AG DZ435N Datasheet HTML 7Page - Infineon Technologies AG DZ435N Datasheet HTML 8Page - Infineon Technologies AG DZ435N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ435N
Date of Publication 2017-01-24
Revision 3.2
2/11
Seite/page
aften
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
DZ435N36K
DZ435N40K
Periodische Spitzensperrspannung
repetitive peak reverse voltages
Tvj = -40°C... Tvj max
VRRM
3600
4000 V
Stoßspitzensperrspannung
non-repetitive peak reverse voltage
Tvj = +25°C... Tvj max
VRSM
3700
4100 V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
IFRMSM
1100 A
Dauergrenzstrom
average on-state current
TC = 100°C
TC = 47°C
IFAVM
435
700
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
IFSM
14.500
12.000
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
1.050.000
720.000
A²s
A²s
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iF = 1200 A
vF
max.
1,71 V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
0,84 V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
0,6 m
Ω
Sperrstrom
reverse current
Tvj = Tvj max , vR = VRRM
iR
max.
50 mA
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50 Hz, t = 1 sec
RMS, f = 50 Hz, t = 1 min
VISOL
3,6
3,0
kV
kV
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Modul / per Module,
Θ = 180° sin
pro Modul / per Module, DC
RthJC
max.
max.
0,0780
0,0745
°C/W
°C/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Modul / per Module
RthCH
max.
0,02 °C/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
150 °C
Betriebstemperatur
operating temperature
Tc op
- 40...+150 °C
Lagertemperatur
storage temperature
Tstg
- 40...+150 °C
prepared by: A.G
date of publication: 2017-01-24
approved by: M.S
revision:
3.2


Số phần tương tự - DZ435N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
eupec GmbH
DZ435N EUPEC-DZ435N Datasheet
259Kb / 10P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DZ435N40K ISC-DZ435N40K Datasheet
319Kb / 4P
   Rectifier Diode Module
More results

Mô tả tương tự - DZ435N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com