công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF13508N bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LF13508N
Giải thích chi tiết về linh kiện  8-Channel Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF13508N bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button LF13508N Datasheet HTML 4Page - National Semiconductor (TI) LF13508N Datasheet HTML 5Page - National Semiconductor (TI) LF13508N Datasheet HTML 6Page - National Semiconductor (TI) LF13508N Datasheet HTML 7Page - National Semiconductor (TI) LF13508N Datasheet HTML 8Page - National Semiconductor (TI) LF13508N Datasheet HTML 9Page - National Semiconductor (TI) LF13508N Datasheet HTML 10Page - National Semiconductor (TI) LF13508N Datasheet HTML 11Page - National Semiconductor (TI) LF13508N Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Applications (Continued)
B SPEED CONSIDERATIONS
In the system of
Figure 5 with the SH omitted if n-bit accu-
racy is desired the change of the analog input voltage
should be less than g12 LSB over the AD conversion
time TC In other words the analog input slew rate (rate of
change of input voltage) will cause a slew-induced error
and its magnitude with respect to the total system error will
depend on the particular application
D
VIN
D
t
max
k
g
12 LSB
TC
e
VFS
2n c TC
where VFS is the full scale voltage of the AD Note that
slew induced errors are not affected by the MUX switch time
since we can let the unit settle before starting conversion
Example Let TC e 40 ms (MM4357) VFS e 10V and n
e
8
D
VIN
D
t
max
k
1mV
m
s
which is a very small number A 10 Vp-p sine wave of a
frequency greater than 32 Hz will have higher slew rate
than this The maximum throughput rate of the above 8-
channel system would be calculated using both the AD
conversion time and the sum of MUX switch ‘‘ON’’ time
and settling time ie
Th R
max
e
1
8(TC a TMUX)
e
3k samplessec
channel
TMUX e TON a TS(ON)
Also notice that Nyquist sampling criteria would allow
each channel to have a signal bandwidth of 15 kHz max
while the slew limit dictates a maximum frequency of 32
Hz If the input signal has a peak-to-peak voltage less
than 10V the allowable maximum input frequency can be
calculated by
fMAX e
(Slew Rate)max
q Vp-p
On the other hand if the input voltage is not band-limited a
low pass filter with an attenuation of 30 dB or better at 15
kHz should be connected in front of the MUX
1 Improving System Speed with a Sample and Hold
The system speed can be improved by using the
SH shown in
Figure 5 This allows a much greater
rate of change of VIN
D
VIN
D
t
max
k
VFS
2n c TA
where TA is the aperture time of the SH This repre-
sents an input slew rate improvement by a factor TC
TA Here again the slew rate error is not affected by
the acquisition time of the Sample and Hold since con-
version will start after the SH has settled
An impor-
tant thing to notice is that the sample and hold errors
will add to the total system error budget therefore the
inequality of the DVIN Dt expression should become
more stringent
Example TC e 40 ms TA e 05 ms n e 8 TC TA e 80
So the use of a SH allows a speed improvement by
nearly two orders of magnitude
The maximum throughput rate can be calculated by
Th R
max
e
1
8(TA a Taq a TC)
Notice that TMUX does not affect the DVIN Dt expression
nor the throughput rate of the system since it may be
switched and settled while the Sample and Hold is in the
Hold mode This is true provided that TMUX k TA a TC
C SYSTEM EXAMPLE
(Figure 7)
The LF398 SH with a 1000 pF hold capacitor has an ac-
quisition time of 4 ms to 01% (14 LSB error for 8 bits) and
an aperture time of less than 200 ms On the other hand
after the hold command the output will settle to g005 mV
in 1 ms This together with the acquisition time introduces
approximately a g14 LSB error Allowing another 14 LSB
error for hold step and gain non-linearity the maximum slew
error (DVIN Dt) should not exceed 14 LSB or
D
VIN
D
t
s
1
4
c
1
256
c
1
TA
5mV ms
(which is the maximum slew rate ofa5V peak sine wave
Also notice that due to the above input slew restrictions
the analog delay caused by the finite BW of the SH and the
digital delay caused by the response time of the controller
will be negligible The maximum throughput rate of the sys-
tem is
Th R
max
e
1
8(5 a 40)10b6
e
2800 samplessecch
If the system speed requirements are relaxed but the AD
converter is still too slow then an inexpensive SH can be
built by using just a capacitor and a low cost FET input op
amp as shown in
Figure 8
8


Số phần tương tự - LF13508N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
LF13-WBJ-11P HIROSE-LF13-WBJ-11P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-11S HIROSE-LF13-WBJ-11S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-12P HIROSE-LF13-WBJ-12P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-12S HIROSE-LF13-WBJ-12S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-20P HIROSE-LF13-WBJ-20P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
More results

Mô tả tương tự - LF13508N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
   8-channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
   8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com