công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2119 bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2119
Giải thích chi tiết về linh kiện  1.9 GHz Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2119 bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI)

  LMX2119 Datasheet HTML 1Page - National Semiconductor (TI) LMX2119 Datasheet HTML 2Page - National Semiconductor (TI) LMX2119 Datasheet HTML 3Page - National Semiconductor (TI) LMX2119 Datasheet HTML 4Page - National Semiconductor (TI) LMX2119 Datasheet HTML 5Page - National Semiconductor (TI) LMX2119 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
JEDEC 16-Lead (0150 Wide) Small Outline Molded Package (M)
Order Number LMX2119M
For Tape and Reel (2500 Units per Reel)
Order Number LMX2119MX
NS Package Number M16A
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Southeast Asia
Japan Ltd
Fax a49 (0) 180-530 85 86
Fax (852) 2376 3901
Tel 81-3-5620-7561
Americas
Email europesupport nsccom
Email seasupport nsccom
Fax 81-3-5620-6179
Tel 1(800) 272-9959
Deutsch Tel a49 (0) 180-530 85 85
Fax 1(800) 737-7018
English
Tel a49 (0) 180-532 78 32
Email support nsccom
Fran ais Tel a49 (0) 180-532 93 58
Italiano
Tel a49 (0) 180-534 16 80
http
www nationalcom
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Số phần tương tự - LMX2119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2216 NSC-LMX2216 Datasheet
258Kb / 12P
   0.1 GHz to 2.0 GHz Low Noise Amplifier/Mixer for RF Personal Communications
LMX2216M NSC-LMX2216M Datasheet
258Kb / 12P
   0.1 GHz to 2.0 GHz Low Noise Amplifier/Mixer for RF Personal Communications
LMX2240 NSC-LMX2240 Datasheet
208Kb / 12P
   Intermediate Frequency Receiver
LMX2240M NSC-LMX2240M Datasheet
208Kb / 12P
   Intermediate Frequency Receiver
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitsubishi Electric Sem...
MA1046-1 MITSUBISHI-MA1046-1 Datasheet
26Kb / 1P
   For 1.9 GHz - Power Amplifier
logo
Eudyna Devices Inc
P0531961H EUDYNA-P0531961H Datasheet
118Kb / 6P
   1.9 GHz band Power Amplifier Module
logo
Toshiba Semiconductor
TA4401CT TOSHIBA-TA4401CT Datasheet
230Kb / 11P
   1.9 ~ 2.5 GHz Band Power Amplifier
logo
Eudyna Devices Inc
P0511946H EUDYNA-P0511946H Datasheet
413Kb / 5P
   1.9 GHz band Power Amplifier Module
logo
NEC
UPC8119T NEC-UPC8119T_02 Datasheet
40Kb / 3P
   1.9 GHz AGC AMPLIFIER
logo
Mitsubishi Electric Sem...
MA1065-1 MITSUBISHI-MA1065-1 Datasheet
43Kb / 1P
   For 1.9 GHz - High Power Amplifier
logo
Eudyna Devices Inc
P0531981H EUDYNA-P0531981H Datasheet
99Kb / 6P
   1.9 GHz band Power Amplifier Module
logo
Motorola, Inc
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
   1.9 GHz UPMIXER AND EXCITER AMPLIFIER
MRFIC1808 MOTOROLA-MRFIC1808 Datasheet
158Kb / 8P
   1.9 GHz GaAs LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com