công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC03-3.3 bảng dữ liệu(PDF) 4 Page - Littelfuse

tên linh kiện LC03-3.3
Giải thích chi tiết về linh kiện  LC03-3.3 Series 3.3V 150A Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LC03-3.3 bảng dữ liệu(HTML) 4 Page - Littelfuse

  LC03-3.3 Datasheet HTML 1Page - Littelfuse LC03-3.3 Datasheet HTML 2Page - Littelfuse LC03-3.3 Datasheet HTML 3Page - Littelfuse LC03-3.3 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
Lightning Surge Protection - LC03-3.3 Series
Part Numbering System
Product Characteristics
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
LC03-3.3BTG
SOIC-8
LC03-3.3
2500
Lead Plating
Matte Tin
Lead Material
Copper Alloy
Lead Coplanarity
0.004 inches (0.102mm)
Substitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL 94 V-0
LC03 3.3 B T G
Series
Working
Voltage
Package
T= Tape & Reel
G= Green
B = SOIC
Part Marking System
Package Dimensions — Mechanical Drawings and Recommended Solder Pad Outline
Package
SOIC-8
Pins
8
JEDEC
MS-012
Millimetres
Inches
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
1.65
0.050
0.065
B
0.31
0.51
0.012
0.020
c
0.17
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
5.80
6.20
0.228
0.244
E1
3.80
4.00
0.150
0.157
e
1.27 BSC
0.050 BSC
L
0.40
1.27
0.016
0.050
o
Recommended
Soldering Pad Outline
(Reference Only)
F
L
First Line: Part number
Second Line: Date code
F
L LC03-3.3
XXXXXXXX
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
5. Package surface matte finish VDI 11-13.
Embossed Carrier Tape & Reel Specification — SOIC Package
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
5.4
5.6
0.213
0.22
P2
1.95
2.05
0.077
0.081
D
1.5
1.6
0.059
0.063
D1
1.50 Min
0.059 Min
P0
3.9
4.1
0.154
0.161
10P0
40.0 ± 0.20
1.574 ± 0.008
W
11.9
12.1
0.468
0.476
P
7.9
8.1
0.311
0.319
A0
6.3
6.5
0.248
0.256
B0
5.1
5.3
0.2
0.209
K0
2
2.2
0.079
0.087
t
0.30 ± 0.05
0.012 ± 0.002
User Feeding Direction
Pin 1 Location
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.


Số phần tương tự - LC03-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
191Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
197Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
logo
Shanghai Leiditech Elec...
LC03-3.3 LEIDITECH-LC03-3.3 Datasheet
196Kb / 3P
   Low Capacitance 3.3V TVS
logo
Applied Power Microelec...
LC03-3.3 APMICRO-LC03-3.3 Datasheet
812Kb / 5P
   Low Capacitance 3.3V TVS
logo
TECH PUBLIC Electronics...
LC03-3.3 TECHPUBLIC-LC03-3.3 Datasheet
2Mb / 5P
   Low Capacitance 3.3 TVS
More results

Mô tả tương tự - LC03-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
LC03-3.3BTG LITTELFUSE-LC03-3.3BTG Datasheet
731Kb / 4P
   LC03-3.3 Series 3.3V 150A Diode Array
SP03-3-3 LITTELFUSE-SP03-3-3 Datasheet
732Kb / 4P
   SP03-3.3 Series 3.3V 150A Diode Array
SP03A-3.3 LITTELFUSE-SP03A-3.3 Datasheet
1Mb / 4P
   SP03A-3.3 Series 3.3V 150A Rail Clamp Array
SP4042 LITTELFUSE-SP4042 Datasheet
2Mb / 4P
   SP4042 Series 3.3V Diode Array
SP3312T LITTELFUSE-SP3312T Datasheet
780Kb / 4P
   SP3312T Series 3.3V 15A Diode Array
SP4065 LITTELFUSE-SP4065 Datasheet
902Kb / 4P
   SP4065 Series 3.3V 20A Diode Array
logo
Bourns Electronic Solut...
CD143A-SR2.8 BOURNS-CD143A-SR2.8 Datasheet
329Kb / 4P
   CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
CD143A-SR28 BOURNS-CD143A-SR28 Datasheet
181Kb / 5P
   CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
REV. 08/20
logo
Littelfuse
SP3374NUTG LITTELFUSE-SP3374NUTG Datasheet
702Kb / 5P
   SP3374NUTG 3.3V 40A Diode Array
2019 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ8304 AOSMD-AOZ8304 Datasheet
935Kb / 8P
   Low Capacitance 3.3V TVS Diode Array
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com