công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC0805B224K250CT bảng dữ liệu(PDF) 8 Page - International Rectifier

tên linh kiện MC0805B224K250CT
Giải thích chi tiết về linh kiện  Drives 1 x 70W HID lamp
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

MC0805B224K250CT bảng dữ liệu(HTML) 8 Page - International Rectifier

Back Button MC0805B224K250CT Datasheet HTML 4Page - International Rectifier MC0805B224K250CT Datasheet HTML 5Page - International Rectifier MC0805B224K250CT Datasheet HTML 6Page - International Rectifier MC0805B224K250CT Datasheet HTML 7Page - International Rectifier MC0805B224K250CT Datasheet HTML 8Page - International Rectifier MC0805B224K250CT Datasheet HTML 9Page - International Rectifier MC0805B224K250CT Datasheet HTML 10Page - International Rectifier MC0805B224K250CT Datasheet HTML 11Page - International Rectifier MC0805B224K250CT Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.irf.com
- 8 -
5.1 IRS2573D State and Timing Diagram
VCC < UVLO-
(VCC Fault or Power Down)
UVLO Mode
Full-Bridge Off (CT=0V)
Buck Off (ICOMP, PCOMP,
TOFF=0V)
IGN Timer Off (TIGN=0V)
CLK Off (TCLK=0V)
IQCC  150A
Fault and Good Counters Reset
Fault Latch Reset
GENERAL Mode
Full-Bridge Oscillating @ fBRIDGE
Buck Enabled
IGN 'LOW'
CLK and Fault Counters Enabled
VSENSE OVP Enabled
ISENSE Over-current Limitation Enabled
Constant Power Control Enabled
VCC > UVLO+
and
VSENSE > VOV
and
RST < VRST-
Power Turned On
FAULT Mode
Fault Latch Set
Full-Bridge Off (CT=0V)
Buck Off
IGN Timer Off (TIGN=0V)
CLK Off (TCLK=0V)
IQCC  350A
VCC = 15.6V
All Counters Reset
VCC < UVLO-
(Power Off)
or
RST > VRST+
(Fault Reset)
VSENSE < VOV(1/7.5) for 197sec
(short circuit or does not warm up)
or
VSENSE < VOV(1/7.5) for 16384 Events
IGN Mode
IGN (21s 'HIGH'/64s 'LOW')
Ignition Counter Enabled
Buck and Full-Bridge Enabled
CLK and Fault Counters Enabled
Good Counter Reset
VSENSE OVP Enabled
VSENSE < VOV(2/5)
VSENSE > VOV(2/5)
VSENSE > VOV(2/5) for 787sec
(open circuit)
Reset
Good
Counter
Good Counter = 2730sec
(No faults detected)
BUCK OFF Mode
Buck Off
Full-Bridge Oscillating
Fault Counters Enabled
Reset
Fault and Good
Counters
VSENSE < VOV(1/7.5)
VOV(2/5) < VSENSE < VOV
and
PCOMP > 0.2V
and
ICOMP > 0.5V
VSENSE > VOV
or
PCOMP < 0.2V
or
ICOMP < 0.2V
VSENSE < VOV(2/5)
and
PCOMP > 0.2V
and
ICOMP > 0.5V
Figure 5.2: IRS2573D state and timing diagram
5.2 Under-voltage Lockout (UVLO) Mode
The under-voltage lockout mode (UVLO) is defined as the state the IC is in when VCC is
below the turn-on threshold of the IC. The IC is designed to maintain an ultra-low supply
current during UVLO mode of 150uA, and to guarantee the IC is fully functional before


Số phần tương tự - MC0805B224K250CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC0805B224K250CT ETC1-MC0805B224K250CT Datasheet
81Kb / 5P
   Multilayer Ceramic Capacitors
More results

Mô tả tương tự - MC0805B224K250CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
logo
Unisonic Technologies
UH8615 UTC-UH8615 Datasheet
255Kb / 9P
   HID LAMP CONTROLLER
logo
Texas Instruments
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
   HID Lamp DII Sockets
logo
FERYSTER Inductive Comp...
OBUD-TW1-70W-KARK FERYSTER-OBUD-TW1-70W-KARK Datasheet
152Kb / 1P
   TW1-70W
logo
List of Unclassifed Man...
HJL ETC1-HJL Datasheet
153Kb / 1P
   1/4" x 1" (6.4 mm x 25.4mm) Lamp indicating fuse holder
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com