công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC0805B474K160CT bảng dữ liệu(PDF) 7 Page - International Rectifier

tên linh kiện MC0805B474K160CT
Giải thích chi tiết về linh kiện  Drives 1 x 70W HID lamp
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

MC0805B474K160CT bảng dữ liệu(HTML) 7 Page - International Rectifier

Back Button MC0805B474K160CT Datasheet HTML 3Page - International Rectifier MC0805B474K160CT Datasheet HTML 4Page - International Rectifier MC0805B474K160CT Datasheet HTML 5Page - International Rectifier MC0805B474K160CT Datasheet HTML 6Page - International Rectifier MC0805B474K160CT Datasheet HTML 7Page - International Rectifier MC0805B474K160CT Datasheet HTML 8Page - International Rectifier MC0805B474K160CT Datasheet HTML 9Page - International Rectifier MC0805B474K160CT Datasheet HTML 10Page - International Rectifier MC0805B474K160CT Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.irf.com
- 7 -
5. Functional Description
HID lamps have unique electrical characteristics, and require a careful control method.
Specifically, they require a high voltage for ignition, typically 3 kV to 4 kV, current
limitation during warm-up, and constant power control during running. It is important to
tightly regulate lamp power with respect to lamp voltage to minimize lamp-to-lamp color
and brightness variations. Also, HID lamps should be driven using an AC-voltage to
avoid mercury migration, and at a low frequency, typically less than 200 Hz, to prevent
lamp damage or explosion due to acoustic resonance. All of these requirements are
integrated in the IRS2573D.
Figure 5.1: HID lamp ignition, warm-up and running modes
The IRS2573D is a fully-integrated, fully-protected 600V HID control IC designed to drive
all types of HID lamps. Internal circuitry provides control for ignition, warm-up, running
and fault operating modes.
The IRS2573D features include ignition timing control,
constant lamp power control, current limitation control, programmable full-bridge running
frequency, programmable over and under-voltage protection and programmable over-
current protection.
Advanced protection features such as failure of a lamp to ignite,
open load, short-circuit and a programmable fault counter have also been included in the
design.


Số phần tương tự - MC0805B474K160CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC0805B474K160CT ETC1-MC0805B474K160CT Datasheet
81Kb / 5P
   Multilayer Ceramic Capacitors
More results

Mô tả tương tự - MC0805B474K160CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
logo
Unisonic Technologies
UH8615 UTC-UH8615 Datasheet
255Kb / 9P
   HID LAMP CONTROLLER
logo
Texas Instruments
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
   HID Lamp DII Sockets
logo
FERYSTER Inductive Comp...
OBUD-TW1-70W-KARK FERYSTER-OBUD-TW1-70W-KARK Datasheet
152Kb / 1P
   TW1-70W
logo
List of Unclassifed Man...
HJL ETC1-HJL Datasheet
153Kb / 1P
   1/4" x 1" (6.4 mm x 25.4mm) Lamp indicating fuse holder
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com