công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WY0222MCMBF0K bảng dữ liệu(PDF) 9 Page - International Rectifier

tên linh kiện WY0222MCMBF0K
Giải thích chi tiết về linh kiện  Drives 1 x 70W HID lamp
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

WY0222MCMBF0K bảng dữ liệu(HTML) 9 Page - International Rectifier

Back Button WY0222MCMBF0K Datasheet HTML 5Page - International Rectifier WY0222MCMBF0K Datasheet HTML 6Page - International Rectifier WY0222MCMBF0K Datasheet HTML 7Page - International Rectifier WY0222MCMBF0K Datasheet HTML 8Page - International Rectifier WY0222MCMBF0K Datasheet HTML 9Page - International Rectifier WY0222MCMBF0K Datasheet HTML 10Page - International Rectifier WY0222MCMBF0K Datasheet HTML 11Page - International Rectifier WY0222MCMBF0K Datasheet HTML 12Page - International Rectifier WY0222MCMBF0K Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.irf.com
- 9 -
the buck high-side and full-bridge high and low-side output drivers are activated. The low
voltage power supply is realized with buck converter circuit utilizing the Link Switch
LNK302D (Figure 4.1). Once the voltage on VCC reaches the start-up threshold
(UVLO+), voltage on VSENSE pin is above VOV threshold and the voltage on RST pin is
less than 1.5V, the IC turns on and the full-bridge oscillator (CT) and gate driver outputs
(HO1, LO1, HO2 and LO2) begin to oscillate. During UVLO mode, the full-bridge and
buck are off, the ignition timer and clock are off, the fault and good counters are reset,
and the fault latch is reset.
5.3 Ignition Mode
The ignition timer is enabled when the IC first enters IGN Mode. The ignition timer
frequency is programmed with the external capacitor at the TIGN pin. CTIGN charges up
and down linearly through internal sink and source currents between a fixed voltage
window of 2V and 4V (Figure 5.3). This sets up an internal clock (666ms typical) that is
divided out 128 times and then used to turn the ignition gate driver output (IGN pin) on
and off for a given on and off-
time (21sec ‘high’/64sec ‘low’ typical). A logic ‘high’ at the
IGN pin will turn the external ignition MOSFET (MIGN) on and enable the external sidac-
controlled pulse ignition circuit.
TIGN
IGN
VLAMP
4V
2V
0V
IGN ENABLED
(21s typ.)
IGN DISABLED
666ms
typ.
(64s typ.)
IGN ENABLED
(21s typ.)
FAULT
MODE
787sec typ.
Figure 5.3: Ignition Timer Timing Diagram
During the ignition phase, the lamp is an open circuit and the buck output voltage is
limited to a maximum value. The ignition circuit comprises of a diac (DIGN), transformer
1180sec typ.


Số phần tương tự - WY0222MCMBF0K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
WY0222MCMBF0K IRF-WY0222MCMBF0K Datasheet
355Kb / 16P
   High Power Factor/Low THD
More results

Mô tả tương tự - WY0222MCMBF0K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
logo
Unisonic Technologies
UH8615 UTC-UH8615 Datasheet
255Kb / 9P
   HID LAMP CONTROLLER
logo
Texas Instruments
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
   HID Lamp DII Sockets
logo
FERYSTER Inductive Comp...
OBUD-TW1-70W-KARK FERYSTER-OBUD-TW1-70W-KARK Datasheet
152Kb / 1P
   TW1-70W
logo
List of Unclassifed Man...
HJL ETC1-HJL Datasheet
153Kb / 1P
   1/4" x 1" (6.4 mm x 25.4mm) Lamp indicating fuse holder
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com