công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMW24D12-625 bảng dữ liệu(PDF) 5 Page - Wall Industries,Inc.

tên linh kiện DMW24D12-625
Giải thích chi tiết về linh kiện  Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WALL [Wall Industries,Inc.]
Trang chủ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW24D12-625 bảng dữ liệu(HTML) 5 Page - Wall Industries,Inc.

  DMW24D12-625 Datasheet HTML 1Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 2Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 3Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 4Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 5Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
+
DC Power
Source
-
+Vin
+Out
DC / DC Converter
-Vin
-Out
+
Load
Cin
DESIGN & FEATURE CONSIDERATIONS
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and off during a logic low. To turn the power module on
and off, the user must supply a switch to control the voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or
equivalent.
A logic low is -0.7V to 0.8V.
A logic high is 2.5V to 5.5V.
The maximum sink current at on/off terminal during a logic low is -1mA. The maximum allowable leakage current of the switch at on/off terminal (2.5 to
5.5V) is 50µA.
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current limiting for an
unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit operates normally once the output
current is brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power
module. In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure
startup. A capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series
Resistance (ESR < 1.0
Ω at 100KHz) capacitor of a 6.8µF for the 24V and 48V input devices.
Maximum Capacitive Load
The DMW series has a limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during
start-up, affecting the ramp-up and the startup time. For optimum performance we recommend 220µF maximum capacitive load for dual outputs and 470µF
capacitive load for single outputs. The maximum capacitance can be found in the Model Selection Guide.
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin (4.7µH) and Cin (220µ
F, ESR < 1.0Ω at 100KHz) to simulate source impedance.
Capacitor Cin offsets possible battery impedance.
Current ripple is measured at the input terminals of the module. Measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47µF ceramic capacitor.
Scope measurement should be made by using a BNC socket; measurement bandwidth is 0-20 MHz. Position the load between 50 mm and 75 mm from the
DC/DC converter.
To Oscilloscope
+
+
Lin
Battery
Cin
+Vin
+Out
DC / DC
Converter
-Vin
-Out
Current
Probe
Load
Scope
+Vin
+Out
Dual Output
DC / DC
Com.
Converter
-Vin
-Out
Copper Strip
Scope
Cout
Cout
Resistive
Load
Copper Strip
Copper Strip
+Vin
+Out
Single Output
DC / DC
Converter
-Vin
-Out
Copper Strip
Cout
Copper Strip
Scope
Resistive
Load


Số phần tương tự - DMW24D12-625

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wall Industries,Inc.
DMW24D12-625 WALL-DMW24D12-625 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24D12-625 WALL-DMW24D12-625 Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
More results

Mô tả tương tự - DMW24D12-625

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
logo
Wall Industries,Inc.
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
   Single and Dual Output
logo
PEAK electronics GmbH
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
   Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
   Single and Dual Output
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
   Single and dual output
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com