công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZM23601SILR bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZM23601SILR
Giải thích chi tiết về linh kiện  36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23601SILR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMZM23601SILR Datasheet HTML 7Page - Texas Instruments LMZM23601SILR Datasheet HTML 8Page - Texas Instruments LMZM23601SILR Datasheet HTML 9Page - Texas Instruments LMZM23601SILR Datasheet HTML 10Page - Texas Instruments LMZM23601SILR Datasheet HTML 11Page - Texas Instruments LMZM23601SILR Datasheet HTML 12Page - Texas Instruments LMZM23601SILR Datasheet HTML 13Page - Texas Instruments LMZM23601SILR Datasheet HTML 14Page - Texas Instruments LMZM23601SILR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D014
VIN = 6.5 V PFM
VIN = 6.5 V FPWM
VIN = 12 V PFM
VIN = 12 V FPWM
VIN = 24 V PFM
VIN = 24 V FPWM
VIN = 36 V PFM
VIN = 36 V FPWM
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D016
VIN = 5 V PFM
VIN = 5 V FPWM
VIN = 12 V PFM
VIN = 12 V FPWM
VIN = 24 V PFM
VIN = 24 V FPWM
VIN = 36 V PFM
VIN = 36 V FPWM
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D020
VIN = 18 V PFM
VIN = 18 V FPWM
VIN = 22 V PFM
VIN = 22 V FPWM
VIN = 24 V PFM
VIN = 24 V FPWM
VIN = 36 V PFM
VIN = 36 V FPWM
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D018
VIN = 15 V PFM
VIN = 15 V FPWM
VIN = 18 V PFM
VIN = 18 V FPWM
VIN = 24 V PFM
VIN = 24 V FPWM
VIN = 36 V PFM
VIN = 36 V FPWM
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000
0
10
20
30
40
50
D044
CISPR11 Class A Limit
CISPR11 Class B Limit
Evaluation Board
Board Area (cm2)
5
10
15
20
25
30
35
40
50
55
60
65
70
75
D032
2-Layer
4-Layer
11
LMZM23601
www.ti.com
SNVSAQ4A – DECEMBER 2017 – REVISED APRIL 2018
Product Folder Links: LMZM23601
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 24 V, TA = 25°C (unless otherwise noted). Refer to default evaluation board layout and bill of materials.
VIN = 24 V
IOUT = 1 A
VOUT = 5 V
Default EVM BOM with GND Plane as Top Layer
Figure 7. Radiated EMI
Figure 8. Package Thermal Resistance vs Board
Copper Area, No Air Flow
VOUT = 15 V
Figure 9. Power Dissipation
VOUT = 12 V
Figure 10. Power Dissipation
VOUT = 5 V
Figure 11. Power Dissipation
VOUT = 3.3 V
Figure 12. Power Dissipation


Số phần tương tự - LMZM23601SILR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
More results

Mô tả tương tự - LMZM23601SILR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com