công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST330C12C2 bảng dữ liệu(PDF) 5 Page - International Rectifier |
|
ST330C12C2 bảng dữ liệu(HTML) 5 Page - International Rectifier |
5 / 8 page ST330C..C Series 5 Bulletin I25155 rev. D 04/03 www.irf.com Outline Table Case Style TO-200AB (E-PUK) All dimensions in millimeters (inches) Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics 70 80 90 100 110 120 130 0 50 100 150 200 250 300 350 400 30° 60° 90° 120° 180° Average On-state Current (A) Conduc tion Angle ST330C..C Series (Single Side Cooled) R (DC) = 0.09 K/ W thJ-hs 20 30 40 50 60 70 80 90 100 110 120 130 0 100 200 300 400 500 600 700 800 900 DC 30° 60° 90° 120° 180° Average On-state Current (A) Cond uc tion Period ST330C..C Series (Single Side Cooled) R (DC) = 0.09 K/ W thJ-hs DIA. MAX. 4.75 (0.19) 28 (1.10) 6.5 (0.26) 0.3 (0.01) MIN. 0.3 (0.01) MIN. ANODE TO GATE CREEPAGE DISTANCE: 11.18 (0.44) MIN. STRIKE DISTANCE: 7.62 (0.30) MIN. 25.3 (0.99) 14.1 / 15.1 (0.56 / 0.59) 25°± 5° GATE TERM. FOR 1.47 (0.06) DIA. PIN RECEPTACLE 25.3 (0.99) 40.5 (1.59) DIA. MAX. DIA. MAX. 2 HOLES 3.56 (0.14) x 1.83 (0.07) MIN. DEEP 42 (1.65) MAX. Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification) |
Số phần tương tự - ST330C12C2 |
|
Mô tả tương tự - ST330C12C2 |