công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM3473A bảng dữ liệu(PDF) 7 Page - Nippon Precision Circuits Inc

tên linh kiện SM3473A
Giải thích chi tiết về linh kiện  Interpolation IC for MR Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3473A bảng dữ liệu(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM3473A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3473A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3473A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3473A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3473A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3473A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3473A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3473A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3473A Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SM3473A/B
SEIKO NPC CORPORATION - 7
Interpolation Circuit
The interpolation circuit converts the analog input signal amplified by the amplifier circuit to binary using a resistor voltage divider
comparator, and outputs 2-phase digital signals using logic signal processing. The comparator has a hysteresis of approximately
45mV.
Interpolation Factor Selection
The interpolation factor is determined by the High/Low voltage combination applied to the IPSL0 and IPSL1 pins.
The interpolation factor settings are shown in the following table.
Ver.A
Ver. B
IPSL1
IPSL0
Interpolation
factor
IPSL1
IPSL0
Interpolation
factor
0
0
8
0
0
16
0
1
4
0
1
8
1
0
2
1
0
4
1
1
1
1
1
2
Operating Mode Selection (MODE pins)
The MODE pins are used to switch the internal node of the device for monitoring signals, and to switch to power-down mode.
The output on the output pins (DA, DB, EX1, EX2) are controlled by the High/Low combination on the MODE pins.
The mode switching settings are shown in the following table.
MODE2
MODE1
MODE0
Operating mode
DA
DB
EX1
EX2
0
0
0
Normal operating mode (digital output)
dig_A
dig_B
Hi-Z
Hi-Z
0
0
1
EX_OR output ON
dig_A
dig_B
exor(da,db)
Hi-Z
0
1
0
Output tied "L"
L
L
Hi-Z
Hi-Z
0
1
1
Output tied "H"
H
H
Hi-Z
Hi-Z
1
0
0
Simultaneous analog output mode
(Non-inverted output)
dig_A
dig_B
ana_A
ana_B
1
0
1
Analog output mode
(Inverted / Non-inverted output)
ana_AN
ana_BN
ana_A
ana_B
1
1
0
Power-down mode
Hi-Z
Hi-Z
Hi-Z
Hi-Z
1
1
1
In the table, dig_A/dig_B indicates the interpolation output, and ana_A/ana_AN/ana_B/ana_BN indicate the analog signal outputs
after signal amplification.
The analog output mode is used to check the analog waveform after internal amplification. It can be used for debugging during
prototyping, for example.
In power-down mode, the internal circuits stop and the current consumption falls below 1µA. Power-down mode is selected by
setting MODE2 and MODE1 to the same potential as VDD; the state of MODE0 has no effect.


Số phần tương tự - SM3473A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM3470BB NPC-SM3470BB Datasheet
474Kb / 19P
   Interpolation Encoder IC
SM3471AB NPC-SM3471AB Datasheet
330Kb / 9P
   Input frequency - 300kHz - max
More results

Mô tả tương tự - SM3473A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM3470BB NPC-SM3470BB Datasheet
474Kb / 19P
   Interpolation Encoder IC
logo
IC-Haus GmbH
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
logo
List of Unclassifed Man...
IP200 ETC-IP200 Datasheet
301Kb / 30P
   Interpolation Circuit for Incremental Measuring Systems
logo
IC-Haus GmbH
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-TW2 ICHAUS-IC-TW2 Datasheet
459Kb / 30P
   8-BIT SIN/COS INTERPOLATION IC WITH INTEGRATED EEPROM
logo
FIBOX Enclosing innovat...
3570656 FIBOX-3570656 Datasheet
46Kb / 1P
   Extension for MR spacer
31.07.2023
3570657 FIBOX-3570657 Datasheet
46Kb / 1P
   Extension for MR spacer
31.07.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com