công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESY227M050AH2AA bảng dữ liệu(PDF) 1 Page - Kemet Corporation

tên linh kiện ESY227M050AH2AA
Giải thích chi tiết về linh kiện  ESY, Aluminum Electrolytic, 105C LowZ, 220 uF, 20%, 50 V, -40/105C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESY227M050AH2AA bảng dữ liệu(HTML) 1 Page - Kemet Corporation

  ESY227M050AH2AA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 12/28/2017 - 67e9d741-b097-46cd-a379-d8c7b19df203
KEMET Part Number: ESY227M050AH2AA
ESY, Aluminum Electrolytic, 105C LowZ, 220 uF, 20%, 50 V, -40/+105C, Lead Spacing = 5mm
D
L
LL+
LL-
S
F(d)
Dimensions
D
10mm +/-0.5mm
L
15mm +2mm
S
5mm +/-0.5mm
LL Negative
15mm MIN
LL Positive
20mm MIN
F
0.6mm NOM
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 3000
General Information
Supplier: KEMET
Series: ESY
Dielectric: Aluminum Electrolytic
Description: LowZ Single Ended Aluminum
Electrolytic
Features: Low Z
RoHS: Yes
Lead: Wire Leads
Specifications
Capacitance: 220 uF
Capacitance Tolerance: 20%
Voltage DC: 50 VDC, 63 VDC (Surge)
Temperature Range: -40/+105C
Rated Temperature: 105C
Life: 4000 Hrs
Dissipation Factor: 10%
Resistance: 0.042 Ohms (100kHz)
Current: 1370 mAmps (100kHz 105C)
Leakage Current: 110 uA (2min 20C)
Impedance Ratio at -25C: 2
Impedance Ratio at -40C: 3
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Số phần tương tự - ESY227M050AH2AA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
ESY226M063AE3AA KEMET-ESY226M063AE3AA Datasheet
234Kb / 1P
   ESY, Aluminum Electrolytic, 22 uF, 20%, 63 VDC, -40/105°C, Lead Spacing = 2.5mm
10/20/2022
More results

Mô tả tương tự - ESY227M050AH2AA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
ESY108M035AL4AA KEMET-ESY108M035AL4AA Datasheet
77Kb / 1P
   ESY, Aluminum Electrolytic, 105C LowZ, 1000 uF, 20%, 35 V, -40/105C, Lead Spacing = 5mm
EST227M050AH2AA KEMET-EST227M050AH2AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EST, 220 uF, 20%, 50 V, -40/105C, Lead Spacing = 5mm
ESY107M050AG3AA KEMET-ESY107M050AG3AA Datasheet
77Kb / 1P
   ESY, Aluminum Electrolytic, 105C LowZ, 100 uF, 20%, 50 V, -40/105C, Lead Spacing = 3.5mm
EST227M063AH5AA KEMET-EST227M063AH5AA Datasheet
77Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EST, 220 uF, 20%, 63 V, -40/105C, Lead Spacing = 5mm
ESC227M035AH1AA KEMET-ESC227M035AH1AA Datasheet
77Kb / 1P
   ESC, Aluminum Electrolytic, 105C LowZ, 220 uF, 20%, 35 V, -40/105C, Lead Spacing = 5mm
ESY477M016AG8AA KEMET-ESY477M016AG8AA Datasheet
77Kb / 1P
   ESY, Aluminum Electrolytic, 105C LowZ, 470 uF, 20%, 16 V, -40/105C, Lead Spacing = 3.5mm
ESY107M025AE3AA KEMET-ESY107M025AE3AA Datasheet
76Kb / 1P
   ESY, Aluminum Electrolytic, 105C LowZ, 100 uF, 20%, 25 V, -40/105C, Lead Spacing = 2.5mm
EST567M050AL4AA KEMET-EST567M050AL4AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EST, 560 uF, 20%, 50 V, -40/105C, Lead Spacing = 5mm
EST337M050AH4AA KEMET-EST337M050AH4AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EST, 330 uF, 20%, 50 V, -40/105C, Lead Spacing = 5mm
EST477M050AH6AA KEMET-EST477M050AH6AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EST, 470 uF, 20%, 50 V, -40/105C, Lead Spacing = 5mm
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com