công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1209-110N bảng dữ liệu(PDF) 1 Page - Wall Industries,Inc.

tên linh kiện AM1209-110N
Giải thích chi tiết về linh kiện  1 Watt Surface Mount DC/DC Converter Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WALL [Wall Industries,Inc.]
Trang chủ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

AM1209-110N bảng dữ liệu(HTML) 1 Page - Wall Industries,Inc.

  AM1209-110N Datasheet HTML 1Page - Wall Industries,Inc. AM1209-110N Datasheet HTML 2Page - Wall Industries,Inc. AM1209-110N Datasheet HTML 3Page - Wall Industries,Inc. AM1209-110N Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev B
AM SERIES
1 Watt
Surface Mount DC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
Size: 0.5in x 0.30in x 0.25in
(12.7 x 7.6 x 6.25mm)
FEATURES
SMT Package
1,000VDC Isolation
MTBF > 1 Million Hours
Efficiency up to 80%
RoHS Compliant
Small Footprint
High Power Density
Industry Standard Pinout
Cooling by Free Air Convention
Short Circuit Protection
APPLICATIONS
DESCRIPTION
High Speed Pick Machine
Operation
Place Machine Operation
Low Power Applications
The AM series of DC DC converters provides up to 1 watt of
output power in a compact 0.5” x 0.30” x 0.25” frame. This series
consists of single output models with outputs ranging from
3.3~15VDC. Each model has high power density as well as
industry standard pinout. This series is useful in high speed pick
and place machine operation and other low power applications.
Models are RoHS compliant and have high efficiency up to 80%.
MODEL SELECTION TABLE
Model Number
Input Voltage
Output Voltage
Output Current
Ripple & Noise
Output Power
Load Regulation(1)
Efficiency
AM503-303N
5VDC
(4.5-5.5VDC)
3.3VDC
303mA
100mVp-p
1W
15% Typ.
65%
AM505-200N
5VDC
(4.5-5.5VDC)
5VDC
200mA
15% Max.
70%
AM509-110N
5VDC
(4.5-5.5VDC)
9VDC
110mA
9% Max.
75%
AM512-84N
5VDC
(4.5-5.5VDC)
12VDC
84mA
7.5% Max.
78%
AM515-67N
5VDC
(4.5-5.5VDC)
15VDC
67mA
7% Max.
80%
AM1203-303N
12VDC
(10.8~13.2VDC)
3.3VDC
303mA
100mVp-p
1W
15% Typ.
65%
AM1205-200N
12VDC
(10.8~13.2VDC)
5VDC
200mA
15% Max.
70%
AM1209-110N
12VDC
(10.8~13.2VDC)
9VDC
110mA
9% Max.
75%
AM1212-84N
12VDC
(10.8~13.2VDC)
12VDC
84mA
7.5% Max.
78%
AM1215-67N
12VDC
(10.8~13.2VDC)
15VDC
67mA
7% Max.
80%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5
12
VDC
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
±5
%
Line Regulation
For 1% of Vin
1.2
%
Load Regulation
See Table
Output Power
See Table
Output Current
See Table
Ripple & Noise
DC to 20MHz Bandwidth
100
mVp-p
Transient Response Setting Time
50% load step change
350
us
PROTECTION
Short Circuit Protection
Short Term
1
Sec.
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
-40
+85
ºC
Humidity
Non-Condensing
95
%
Cooling
Free Air Convection
MTBF
3500000
Hours


Số phần tương tự - AM1209-110N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wall Industries,Inc.
AM1209-110N WALL-AM1209-110N Datasheet
210Kb / 2P
   This economically priced converter is perfect for low power applications
More results

Mô tả tương tự - AM1209-110N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wall Industries,Inc.
AMI WALL-AMI Datasheet
142Kb / 3P
   Single Output Surface Mount Package 1 Watt DC/DC Converter
logo
CET Technology, LLC
CT-13DS3 CETTECHNOLOGY-CT-13DS3 Datasheet
484Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
CT-13DS CETTECHNOLOGY-CT-13DS Datasheet
358Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
RBA1 WALL-RBA1 Datasheet
590Kb / 7P
   1 Watt Single Output DC/DC DIP & SIP Mount Converter
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
logo
CET Technology, LLC
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-10D-1W CETTECHNOLOGY-CT-10D-1W Datasheet
902Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13D-1W CETTECHNOLOGY-CT-13D-1W Datasheet
954Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com