công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA6849H bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện TEA6849H
Giải thích chi tiết về linh kiện  New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6849H bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button TEA6849H Datasheet HTML 7Page - NXP Semiconductors TEA6849H Datasheet HTML 8Page - NXP Semiconductors TEA6849H Datasheet HTML 9Page - NXP Semiconductors TEA6849H Datasheet HTML 10Page - NXP Semiconductors TEA6849H Datasheet HTML 11Page - NXP Semiconductors TEA6849H Datasheet HTML 12Page - NXP Semiconductors TEA6849H Datasheet HTML 13Page - NXP Semiconductors TEA6849H Datasheet HTML 14Page - NXP Semiconductors TEA6849H Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
2003 Dec 19
11
Philips Semiconductors
Product specification
New In Car Entertainment car radio tuner IC with
Precision Adjacent Channel Suppression (NICE-PACS)
TEA6849H
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. To avoid damage and wrong operation it is necessary to keep all 8.5 V supply voltages at a higher level than any 5 V
supply voltage. This is also necessary during power-on and power-down sequences. Precautions have to be
provided in such a way that interference cannot pull down the 8.5 V supply below the 5 V supply.
2. Machine model (R = 0
Ω, C = 200 pF).
3. Human body model (R = 1.5 k
Ω, C = 100 pF).
9
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDA1
analog supply voltage 1 for FM IF amplifier
−0.3
+10
V
VDDA2
analog supply voltage 2 for FM and AM RF
−0.3
+10
V
VDDA3
analog supply voltage 3 for tuning PLL
−0.3
+10
V
VDDA4
analog supply voltage 4 for voltage controlled
oscillator
−0.3
+10
V
VDDA5
analog supply voltage 5 for on-chip power supply
−0.3
+6.5
V
VDDA6
analog supply voltage 6 for on-chip power supply
−0.3
+10
V
VDDD
digital supply voltage
−0.3
+6.5
V
∆VDD8.5-DD5
difference between any 8.5 V supply voltage and
any 5 V supply voltage
note 1
−0.3
V
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Ves
electrostatic handling voltage
note 2
−200
+200
V
note 3
−2000
+2000
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
54
K/W
Rth(j-c)
thermal resistance from junction to case
9
K/W


Số phần tương tự - TEA6849H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6840 PHILIPS-TEA6840 Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
More results

Mô tả tương tự - TEA6849H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com