công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS1612A bảng dữ liệu(PDF) 6 Page - Cirrus Logic

tên linh kiện CS1612A
Giải thích chi tiết về linh kiện  TRIAC Dimmable LED Driver IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1612A bảng dữ liệu(HTML) 6 Page - Cirrus Logic

Back Button CS1612A Datasheet HTML 2Page - Cirrus Logic CS1612A Datasheet HTML 3Page - Cirrus Logic CS1612A Datasheet HTML 4Page - Cirrus Logic CS1612A Datasheet HTML 5Page - Cirrus Logic CS1612A Datasheet HTML 6Page - Cirrus Logic CS1612A Datasheet HTML 7Page - Cirrus Logic CS1612A Datasheet HTML 8Page - Cirrus Logic CS1612A Datasheet HTML 9Page - Cirrus Logic CS1612A Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CS1610A/11A
CS1612A/13A
6
DS976PP4
3.2 Thermal Resistance
3.3 Absolute Maximum Ratings
Characteristics conditions:
All voltages are measured with respect to GND.
Note:
7.
Long-term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation at
the rate of 50 mW /°C for variation over temperature.
WARNING:
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Symbol
Parameter
Value
Unit
JA
Junction-to-Ambient Thermal Impedance
2 Layer PCB
4 Layer PCB
135
129
°C/W
°C/W
JC
Junction-to-Case Thermal Impedance
2 Layer PCB
4 Layer PCB
50
43
°C/W
°C/W
Pin
Symbol
Parameter
Value
Unit
14
VDD
IC Supply Voltage
18.5
V
1, 2, 5, 8, 9,
10,11,15,16
Analog Input Maximum Voltage
-0.5 to (VDD+0.5)
V
1, 2, 8, 9, 10,
11, 15, 16
Analog Input Maximum Current
5
mA
13
VGD
Gate Drive Output Voltage
-0.3 to (VDD+0.3)
V
13
IGD
Gate Drive Output Current
-1.0 / +0.5
A
5ISOURCE Current into Pin
1.1
A
3ICLAMP Clamp Output Current
5
mA
-PD
Total Power Dissipation
400
mW
-TJ
Junction Temperature Operating Range
(Note 7)
-40 to +125
°C
-TStg
Storage Temperature Range
-65 to +150
°C
All Pins
ESD
Electrostatic Discharge Capability
Human Body Model
Charged Device Model
2000
500
V
V


Số phần tương tự - CS1612A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
CS1612 APEX-CS1612 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1612 CIRRUS-CS1612 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
logo
Hammond Manufacturing L...
CS16124 HAMMOND-CS16124 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS16126 HAMMOND-CS16126 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
More results

Mô tả tương tự - CS1612A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
CS1630 APEX-CS1630 Datasheet
699Kb / 56P
   2-Channel TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
   18W Triac Dimmable LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com