công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS1611A bảng dữ liệu(PDF) 1 Page - Cirrus Logic

tên linh kiện CS1611A
Giải thích chi tiết về linh kiện  TRIAC Dimmable LED Driver IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1611A bảng dữ liệu(HTML) 1 Page - Cirrus Logic

  CS1611A Datasheet HTML 1Page - Cirrus Logic CS1611A Datasheet HTML 2Page - Cirrus Logic CS1611A Datasheet HTML 3Page - Cirrus Logic CS1611A Datasheet HTML 4Page - Cirrus Logic CS1611A Datasheet HTML 5Page - Cirrus Logic CS1611A Datasheet HTML 6Page - Cirrus Logic CS1611A Datasheet HTML 7Page - Cirrus Logic CS1611A Datasheet HTML 8Page - Cirrus Logic CS1611A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Copyright
 Cirrus Logic, Inc. 2013
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
Preliminary Product Information
This document contains information for a product under development.
Cirrus Logic reserves the right to modify this product without notice.
CS1610A/11A
CS1612A/13A
TRIAC Dimmable LED Driver IC
Features & Description
• Best-in-class Dimmer Compatibility
-
Leading-edge (TRIAC) Dimmers
-
Trailing-edge Dimmers
-
Center-cut Dimmers
-
Digital Dimmers (with Integrated Power Supply)
• Up to 90% Efficiency
• Optimized for
25W Input Power
• Flicker-free Dimming
• 0% Minimum Dimming Level
• Quasi-resonant Second Stage with Constant-current Output
-
Flyback and Buck
• Fast Startup
• Tight LED Current Regulation: Better than ±5%
• Primary-side Regulation (PSR)
• >0.9 Power Factor
• IEC-61000-3-2 Compliant
• NEMA SSL6 Compatible
•Soft Start
• Protections:
-
Output Open/Short
-
Current-sense Resistor Open/Short
-
External Overtemperature Using NTC
Overview
The CS1610A/1A/12A/13A is a digital control IC engineered to
deliver a high-efficiency, cost-effective, flicker-free, phase-
dimmable, solid-state lighting (SSL) solution for the incandescent
lamp-replacement market. The CS1610A/11A is designed to
control a quasi-resonant flyback topology. The CS1612A/13A is
designed to control a buck topology. The CS1610A/12A and
CS1611A/13A are designed for 120VAC and 230VAC line
voltage applications, respectively.
The CS1610A/11A/12A/13A integrates a critical conduction
mode (CRM) boost converter that provides power factor
correction and dimmer compatibility with a constant output
current, quasi-resonant second stage. An adaptive dimmer
compatibility algorithm controls the boost stage and dimmer
compatibility operation mode to enable flicker-free operation to
<2% output current with leading-edge, trailing-edge, center-cut,
and digital dimmers (dimmers with an integrated power supply).
Applications
• Dimmable Retrofit LED Lamps
• Dimmable LED Luminaries
• Offline LED Drivers
• Commercial Lighting
Ordering Information
See page 16
.
T1
D8
C9
LED+
LED-
D7
R12
NTC
Z2
C8
R11
D6
R8
R13
RFBGAIN
Q4
CS1610A/11A
IAC
SOURCE
FBGAIN
FBAUX
BSTOUT
GND
SGND
13
16
5
4
IPK
CLAMP
GD
FBSENSE
eOTP
15
8
9
10
12
11
1
14
2
BSTAUX
VDD
R10
3
RS
CNTC
R9
RIPK
BR1
BR1
AC
Mains
C7
L1
D2
BR1
BR1
D5
L2
C2
R4
R6
R7
Q2
Z1
C4
C3
R2
D1
R1
C1
R5
C6
D4
D3
C5
Q1
R3
Vrect
V
BS T
Q3
AUG’13
DS976PP4


Số phần tương tự - CS1611A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
CS1611 APEX-CS1611 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1611 CIRRUS-CS1611 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
More results

Mô tả tương tự - CS1611A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
CS1630 APEX-CS1630 Datasheet
699Kb / 56P
   2-Channel TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
   18W Triac Dimmable LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com