công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1012R bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SI1012R
Giải thích chi tiết về linh kiện  N-Channel 1.8 V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1012R bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SI1012R Datasheet HTML 1Page - Vishay Siliconix SI1012R Datasheet HTML 2Page - Vishay Siliconix SI1012R Datasheet HTML 3Page - Vishay Siliconix SI1012R Datasheet HTML 4Page - Vishay Siliconix SI1012R Datasheet HTML 5Page - Vishay Siliconix SI1012R Datasheet HTML 6Page - Vishay Siliconix SI1012R Datasheet HTML 7Page - Vishay Siliconix SI1012R Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vishay Siliconix
Si1012R, Si1012X
www.vishay.com
2
Document Number: 71166
S13-0786-Rev. E, 15-Apr-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.45
0.9
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
± 0.5
± 1
µA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
0.3
100
nA
VDS = 20 V, VGS = 0 V, TJ = 85 °C
5µA
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
700
mA
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 600 mA
0.41
0.70
VGS = 2.5 V, ID = 500 mA
0.53
0.85
VGS = 1.8 V, ID = 350 mA
0.70
1.25
Forward Transconductancea
gfs
VDS = 10 V, ID = 400 mA
1
S
Diode Forward Voltagea
VSD
IS = 150 mA, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 250 mA
750
pC
Gate-Source Charge
Qgs
75
Gate-Drain Charge
Qgd
225
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 47 
ID  200 mA, VGEN = 4.5 V, Rg = 10 
5
ns
Rise Time
tr
5
Turn-Off Delay Time
td(off)
25
Fall Time
tf
11


Số phần tương tự - SI1012R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R Datasheet
108Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Jul-08
SI1012R VISHAY-SI1012R Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
SI1012R VISHAY-SI1012R Datasheet
235Kb / 11P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
More results

Mô tả tương tự - SI1012R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com