công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M27W512-80B6F bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện M27W512-80B6F
Giải thích chi tiết về linh kiện  512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512-80B6F bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button M27W512-80B6F Datasheet HTML 3Page - STMicroelectronics M27W512-80B6F Datasheet HTML 4Page - STMicroelectronics M27W512-80B6F Datasheet HTML 5Page - STMicroelectronics M27W512-80B6F Datasheet HTML 6Page - STMicroelectronics M27W512-80B6F Datasheet HTML 7Page - STMicroelectronics M27W512-80B6F Datasheet HTML 8Page - STMicroelectronics M27W512-80B6F Datasheet HTML 9Page - STMicroelectronics M27W512-80B6F Datasheet HTML 10Page - STMicroelectronics M27W512-80B6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
M27W512
pacitors. It is recommended that a 0.1µF ceramic
capacitor be used on every device between VCC
and VSS. This should be a high frequency capaci-
tor of low inherent inductance and should be
placed as close to the device as possible. In addi-
tion, a 4.7µF bulk electrolytic capacitor should be
used between VCC and VSS for every eight devic-
es. The bulk capacitor should be located near the
power supply connection point.The purpose of the
bulk capacitor is to overcome the voltage drop
caused by the inductive effects of PCB traces.
Figure 6. Programming Flowchart
Programming
The M27W512 has been designed to be fully com-
patible with the M27C512 and has the same elec-
tronic signature. As a result the M27W512 can be
programmed as the M27C512 on the same pro-
gramming equipment applying 12.75V on VPP and
6.25V on VCC. The M27W512 can use PRESTO
IIB Programming Algorithm that drastically reduc-
es the programming time. Nevertheless to achieve
compatibility with all programming equipments,
PRESTO II Programming Algorithm can be used
as well. When delivered (and after each ‘1’s era-
sure for UV EPROM), all bits of the M27W512 are
in the '1' state. Data is introduced by selectively
programming '0's into the desired bit locations. Al-
though only '0's will be programmed, both '1's and
'0's can be present in the data word. The only way
to change a ‘0’ to a ‘1’s by die exposure to ultravi-
olet light (UV EPROM). The M27W512 is in the
programming mode when VPP input is at 12.75V
and E is pulsed to VIL. The data to be programmed
is applied to 8 bits in parallel to the data output
pins. The levels required for the address and data
inputs are TTL. VCC is specified to be 6.25V ±
0.25V.
PRESTO IIB Programming Algorithm
PRESTO IIB Programming Algorithm allows the
whole array to be programmed with a guaranteed
margin, in a typical time of 6.5 seconds. This can
be achieved with STMicroelectronics M27W512
due to several design innovations described in the
M27W512 datasheet to improve programming ef-
ficiency and to provide adequate margin for reli-
ability. Before starting the programming the
internal MARGIN MODE circuit must be set in or-
der to guarantee that each cell is programmed with
enough margin. Then a sequence of 100µs pro-
gram pulses is applied to each byte until a correct
verify occurs (see Figure 6.). No overprogram
pulses are applied since the verify in MARGIN
MODE at VCC much higher than 3.6V, provides
the necessary margin.
Program Inhibit
Programming of multiple M27W512s in parallel
with different data is also easily accomplished. Ex-
cept for E, all like inputs including GVPP of the par-
allel M27W512 may be common. A TTL low level
pulse applied to a M27W512's E input, with VPP at
12.75V, will program that M27W512. A high level
E input inhibits the other M27W512s from being
programmed.
Program Verify
A verify (read) should be performed on the pro-
grammed bits to determine that they were correct-
ly programmed. The verify is accomplished with G
at VIL. Data should be verified with tELQV after the
falling edge of E.
Electronic Signature
The Electronic Signature (ES) mode allows the
reading out of a binary code from an EPROM that
will identify its manufacturer and type. This mode
is intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm.
The ES mode is functional in the 25°C ± 5°C am-
bient temperature range that is required when pro-
gramming the M27W512. To activate the ES
mode, the programming equipment must force
11.5V to 12.5V on address line A9 of the
M27W512. Two identifier bytes may then be se-
AI00738C
n = 0
Last
Addr
VERIFY
E = 100
µs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12.75V
FAIL
CHECK ALL BYTES
1st: VCC = 5V
2nd: VCC = 2.7V
YES
NO
YES
NO
YES
NO
SET MARGIN MODE
RESET MARGIN MODE


Số phần tương tự - M27W512-80B6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
M27W512-80B6TR STMICROELECTRONICS-M27W512-80B6TR Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
More results

Mô tả tương tự - M27W512-80B6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com