công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS-701-HC-6-K bảng dữ liệu(PDF) 1 Page - Schurter Inc.

tên linh kiện TS-701-HC-6-K
Giải thích chi tiết về linh kiện  Circuit Breaker for Equipment, thermal, Threaded-neck type, 1?pole
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHURTER [Schurter Inc.]
Trang chủ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TS-701-HC-6-K bảng dữ liệu(HTML) 1 Page - Schurter Inc.

  TS-701-HC-6-K Datasheet HTML 1Page - Schurter Inc. TS-701-HC-6-K Datasheet HTML 2Page - Schurter Inc. TS-701-HC-6-K Datasheet HTML 3Page - Schurter Inc. TS-701-HC-6-K Datasheet HTML 4Page - Schurter Inc. TS-701-HC-6-K Datasheet HTML 5Page - Schurter Inc. TS-701-HC-6-K Datasheet HTML 6Page - Schurter Inc. TS-701-HC-6-K Datasheet HTML 7Page - Schurter Inc. TS-701-HC-6-K Datasheet HTML 8Page - Schurter Inc. TS-701-HC-6-K Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Thermal (T- and TA-Line)
TS-701
https://www.schurter.com /PG17_20
Circuit Breakers
Circuit Breaker for Equipment, thermal, Threaded-neck type, 1?pole
Approvals and Compliances
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Product News
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Số phần tương tự - TS-701-HC-6-K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mean Well Enterprises C...
TS-700 MEANWELL-TS-700 Datasheet
370Kb / 2P
   700W True Sine Wave DC-AC Power Inverter
TS-700-112 MEANWELL-TS-700-112 Datasheet
370Kb / 2P
   700W True Sine Wave DC-AC Power Inverter
TS-700-112A MEANWELL-TS-700-112A Datasheet
112Kb / 1P
   DC/AC Inverter 200~700W True Sine Wave
TS-700-124 MEANWELL-TS-700-124 Datasheet
370Kb / 2P
   700W True Sine Wave DC-AC Power Inverter
TS-700-124A MEANWELL-TS-700-124A Datasheet
112Kb / 1P
   DC/AC Inverter 200~700W True Sine Wave
More results

Mô tả tương tự - TS-701-HC-6-K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
TS-709 SCHURTER-TS-709 Datasheet
1Mb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1?pole
TS-709 SCHURTER-TS-709_V01 Datasheet
324Kb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1 pole
T9-311 SCHURTER-T9-311_18 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
TS-709 SCHURTER-TS-709_V02 Datasheet
324Kb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1 pole
09.12.2021
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211_V01 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
04.01.2022
T9-211 SCHURTER-T9-211_V02 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
08.06.2022
T13-212 SCHURTER-T13-212 Datasheet
383Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
T13-212 SCHURTER-T13-212_V01 Datasheet
432Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com