công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP1075DGKR bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP1075DGKR
Giải thích chi tiết về linh kiện  Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP1075DGKR bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TMP1075DGKR Datasheet HTML 5Page - Texas Instruments TMP1075DGKR Datasheet HTML 6Page - Texas Instruments TMP1075DGKR Datasheet HTML 7Page - Texas Instruments TMP1075DGKR Datasheet HTML 8Page - Texas Instruments TMP1075DGKR Datasheet HTML 9Page - Texas Instruments TMP1075DGKR Datasheet HTML 10Page - Texas Instruments TMP1075DGKR Datasheet HTML 11Page - Texas Instruments TMP1075DGKR Datasheet HTML 12Page - Texas Instruments TMP1075DGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
TMP1075
www.ti.com
SBOS854 – MARCH 2018
Product Folder Links: TMP1075
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
The TMP1075 features three address pins to allow up to 32 devices to be addressed on a single bus interface.
describes the pin logic levels used to properly connect up to 32 devices. The state of pins A0, A1, and A2 is
sampled on every bus communication and must be set prior to any activity on the interface.
Table 2. Address Pins and Slave Addresses for the TMP1075
A2
A1
A0
ADDRESS, HEX
0
0
SDA
80
0
0
SCL
82
0
1
SDA
84
0
1
SCL
86
1
0
SDA
88
1
0
SCL
8A
1
1
SDA
8C
1
1
SCL
8E
0
0
0
90
0
0
1
92
0
1
0
94
0
1
1
96
1
0
0
98
1
0
1
9A
1
1
0
9C
1
1
1
9E
0
SDA
SDA
A0
0
SDA
SCL
A2
0
SCL
SDA
A4
0
SCL
SCL
A6
1
SDA
SDA
A8
1
SDA
SCL
AA
1
SCL
SDA
AC
1
SCL
SCL
AE
0
SDA
0
B0
0
SDA
1
B2
0
SCL
0
B4
0
SCL
1
B6
1
SDA
0
B8
1
SDA
1
BA
1
SCL
0
BC
1
SCL
1
BE
7.3.2.3 Writing and Reading to the TMP1075
Accessing a particular register on the TMP1075 device is accomplished by writing the appropriate value to the
Pointer register. The value for the Pointer register is the first byte transferred after the slave address byte with
the R/W bit low. Every write operation to the TMP1075 requires a value for the Pointer register (see Figure 2).
When reading from the TMP1075 device, the last value stored in the Pointer register by a write operation is used
to determine which register is read by a read operation. To change the register pointer for a read operation, a
new value must be written to the Pointer register. This action is accomplished by issuing a slave address byte
with the R/W bit low, followed by the Pointer register byte. No additional data are required. The master can then
generate a START condition and send the slave address byte with the R/W bit high to initiate the read command.
See Figure 4 for details of this sequence. If repeated reads from the same register are desired, the Pointer
register bytes do not have to be continually sent because the TMP1075 remember the Pointer register value until
the value is changed by the next write operation.


Số phần tương tự - TMP1075DGKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP1075DGKR TI1-TMP1075DGKR Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075DGKR TI1-TMP1075DGKR Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075DGKR TI1-TMP1075DGKR Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075DGKR TI-TMP1075DGKR Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
More results

Mô tả tương tự - TMP1075DGKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
[Old version datasheet]   TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP175-Q1 TI1-TMP175-Q1 Datasheet
446Kb / 31P
[Old version datasheet]   TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
Delta Electronics, Inc.
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
   Industry standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com