công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC35256FM bảng dữ liệu(PDF) 6 Page - Sanyo Semicon Device

tên linh kiện LC35256FM
Giải thích chi tiết về linh kiện  256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35256FM bảng dữ liệu(HTML) 6 Page - Sanyo Semicon Device

  LC35256FM Datasheet HTML 1Page - Sanyo Semicon Device LC35256FM Datasheet HTML 2Page - Sanyo Semicon Device LC35256FM Datasheet HTML 3Page - Sanyo Semicon Device LC35256FM Datasheet HTML 4Page - Sanyo Semicon Device LC35256FM Datasheet HTML 5Page - Sanyo Semicon Device LC35256FM Datasheet HTML 6Page - Sanyo Semicon Device LC35256FM Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
No. 6302-6/7
LC35256FM, FT-55U/70U
Notes:1. WE must be held at the high level during the read cycle.
2. Do not apply reverse phase signals to the DOUT pins when those pins are in the output state.
3. The time tWP is the period when both CE and WE are low. It is defined as the time from the fall of WE to the rise of CE or WE, whichever occurs
first.
4. The time tCW is the period when both CE and WE are low. It is defined as the time from the fall of CE to the rise of CE or WE, whichever occurs first.
5. The DOUT pins will be in the high-impedance state if any one of the following hold: OE is at the high level, CE is at the high level, or WE is at the low
level.
6. The OE pin must be either held high or held low during the write cycle.
7. DOUT has the same phase as the write data during this write cycle.
Parameter
Symbol
Conditions
min
typ*
max
Unit
Data retention supply voltage
VDR
VCE ≥ VCC – 0.2 V
2.0
5.5
V
Ta
≤ 25°C
0.02
Data retention supply current
ICCDR
VCC = 3.0 V
Ta
≤ 60°C
1.0
µA
VCE ≥ VCC – 0.2 V
Ta
≤ 70°C
2.0
Ta
≤ 85°C
3.5
Chip enable setup time
tCDR
0ns
Chip enable hold time
tR
tRC**
ns
Note: * Reference values for VCC = 3 V, Ta = 25°C.
** tRC: Read cycle time
Data Retention Conditions at Ta = –40 to +85°C
Data Retention Waveforms
VCC
VCCL*
VIH
VDR
VCE
GND
VCE ≥ VCC – 0.2 V
tCDR
tR
Data retention mode
Circuit Design Notes
When designing application circuits, always take the following into consideration and design the circuits so that the
absolute maximum ratings are never exceeded.
• Supply voltage fluctuations
• Sample-to-sample variations in the electrical characteristics of the electronic components used, including
semiconductor devices, resistors, and capacitors.
• Ambient temperature
• Variations in the input and clock signals
• The application of abnormal pulses
Furthermore, be sure to operate this device within the stipulated ranges of all parameters for which an allowable
operating range is specified.
When CMOS IC input pins are left in the open state, through currents may occur in internal circuits to which
intermediate voltage levels are applied, and this can result in incorrect circuit operation. Be sure to handle all unused
input pins as specified in the device documentation.
Note: * VCCL 5 V operation: 4.5 V


Số phần tương tự - LC35256FM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
More results

Mô tả tương tự - LC35256FM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com