công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC546C bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện BC546C
Giải thích chi tiết về linh kiện  General Purpose NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC546C bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  BC546C Datasheet HTML 1Page - Diotec Semiconductor BC546C Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC546 ... BC549
BC546 ... BC549
General Purpose NPN Transistors
Universal-NPN-Transistoren
IC
= 100 mA
hFE ~ 110/200/420
Tjmax = 150°C
VCEO = 30...65 V
Ptot = 500 mW
Version 2018-02-01
TO-92 (10D3)
(1)
(2)
Dimensions - Maße [mm]
Typical Applications
Signal processing,
Switching, Amplification
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schalten, Verstärken
Standardausführung 1)
Features
General Purpose
Three current gain groups
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Universell anwendbar
Drei Stromverstärkungsklassen
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
(1) Taped in ammo pack
(Raster 2.54)
(2) On request: in bulk
(Raster 1.27, suffix “BK”)
4000
5000
(1) Gegurtet in Ammo-Pack
(Raster 2.54)
(2) Auf Anfrage: Schüttgut
(Raster 1.27, Suffix “BK”)
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL N/A
Current gain groups
Stromverstärkungsgruppen
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BC546A
BC547A
BC548A
BC549A
BC546B
BC547B
BC548B
BC549B
BC546C
BC547C
BC548C
BC549C
BC556 ... BC559
Maximum ratings 2)
Grenzwerte 2)
BC546
BC547
BC548/549
Collector-Emitter-voltage – Kollektor-Emitter-Spannung
E-B short
VCES
80 V
50 V
30 V
Collector-Emitter-voltage – Kollektor-Emitter-Spannung
B open
VCEO
65 V
45 V
30 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
VEBO
80 V
50 V
30 V
Emitter-Base-voltage
C open
VEBO
5 V
Power dissipation – Verlustleistung
Ptot
500 mW 3)
Collector current – Kollektorstrom
DC
IC
100 mA
Peak Collector current – Kollektor-Spitzenstrom
ICM
200 mA
Peak Base current – Basis-Spitzenstrom
IBM
200 mA
Peak Emitter current – Emitter-Spitzenstrom
- IEM
200 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
2 x 2.54
C B E
2 x 1.27
C B E
4.6±0.1
Pb
RoHS


Số phần tương tự - BC546C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Weitron Technology
BC546C WEITRON-BC546C Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
SeCoS Halbleitertechnol...
BC546C SECOS-BC546C Datasheet
183Kb / 3P
   Elektronische Bauelemente
logo
Micro Commercial Compon...
BC546C MCC-BC546C Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
Fairchild Semiconductor
BC546C FAIRCHILD-BC546C Datasheet
151Kb / 6P
   Switching and Amplifier
logo
Continental Device Indi...
BC546C CDIL-BC546C Datasheet
124Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Mô tả tương tự - BC546C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com