công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC327-16 bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện BC327-16
Giải thích chi tiết về linh kiện  General Purpose PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC327-16 bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  BC327-16 Datasheet HTML 1Page - Diotec Semiconductor BC327-16 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC327 ... BC328
BC327 ... BC328
General Purpose PNP Transistors
Universal-PNP-Transistoren
IC
= -800 mA
hFE ~ 160/250/400
Tjmax = 150°C
VCEO = -25 ... -45 V
Ptot = 625 mW
Version 2018-02-02
TO-92 (10D3)
(1)
(2)
Dimensions - Maße [mm]
Typical Applications
Signal processing,
Switching, Amplification
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schalten, Verstärken
Standardausführung 1)
Features
General Purpose
Three current gain groups
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Universell anwendbar
Drei Stromverstärkungsklassen
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
(1) Taped in ammo pack
(Raster 2.54)
(2) On request: in bulk
(Raster 1.27, suffix “BK”)
4000
5000
(1) Gegurtet in Ammo-Pack
(Raster 2.54)
(2) Auf Anfrage: Schüttgut
(Raster 1.27, Suffix “BK”)
Weight approx.
0.18 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL N/A
Current gain groups
Stromverstärkungsgruppen
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BC327-16
BC327-25
BC327-40
BC328-16
BC328-25
BC328-40
BC337 ... BC338
Maximum ratings 2)
Grenzwerte 2)
BC327
BC328
Collector-Emitter-volt. – Kollektor-Emitter-Spannung
E-B short
- VCES
50 V
30 V
Collector-Emitter-volt. – Kollektor-Emitter-Spannung
B open
- VCEO
45 V
25 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
- VEBO
5 V
Power dissipation – Verlustleistung
Ptot
625 mW 3)
Collector current – Kollektorstrom
DC
- IC
800 mA
Peak Collector current – Kollektor-Spitzenstrom
- ICM
1 A
Base current – Basisstrom
- IB
100 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
2 x 2.54
C B E
2 x 1.27
C B E
4.6±0.1
Pb
RoHS


Số phần tương tự - BC327-16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
BC327-16 MOTOROLA-BC327-16 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC327-16 PHILIPS-BC327-16 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
BC327-16 PHILIPS-BC327-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC327-16 SIEMENS-BC327-16 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC327-16 DIOTEC-BC327-16 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
More results

Mô tả tương tự - BC327-16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com