công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPT3001IDNPTQ1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện OPT3001IDNPTQ1
Giải thích chi tiết về linh kiện  Ambient Light Sensor (ALS)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

OPT3001IDNPTQ1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  OPT3001IDNPTQ1 Datasheet HTML 1Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 2Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 3Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 4Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 5Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 6Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 7Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 8Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
SCL
SDA
ADDR
VDD
OPT3001
INT
Ambient
Light
GND
I
2C
Interface
VDD
ADC
Optical
Filter
Copyright © 2017, Texas Instruments Incorporated
Wavelength (nm)
300
400
500
600
700
800
900
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
OPT3001
Human Eye
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPT3001-Q1
SBOS853 – MARCH 2017
OPT3001-Q1 Ambient Light Sensor (ALS)
1
1 Features
1
AEC-Q100 Qualified for Automotive Devices
Device Temperature Grade 3: –40°C to 85°C
Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4A
Precision Optical Filtering to Match Human Eye:
Rejects > 99% (Typical) of IR
Automatic Full-Scale Setting Feature Simplifies
Software and Ensures Proper Configuration
Measurements: 0.01 Lux to 83k Lux
23-Bit Effective Dynamic Range With
Automatic Gain Ranging
12 Binary-Weighted Full-Scale Range Settings:
< 0.2% (Typical) Matching Between Ranges
Low Operating Current: 1.8 µA (Typical)
Operating Temperature Range: –40°C to 85°C
Functional Temperature Range: –40°C to 105°C
Wide Power-Supply Range: 1.6 V to 3.6 V
5.5-V Tolerant I/O
Flexible Interrupt System
Small-Form Factor: 2 mm × 2 mm × 0.65 mm
2 Applications
Automotive Lighting
Infotainment and Cluster
Display Backlight Controls
Lighting Control Systems
Personal Electronics
Electronic Point-of-Sale
Outdoor Traffic and Street Lights
Home Lighting
Cameras
Spectral Response: OPT3001-Q1 and the Human
Eye
3 Description
The OPT3001-Q1 device is an optical sensor that
measures the intensity of visible light. The spectral
response of the sensor tightly matches the photopic
response of the human eye and includes significant
infrared rejection.
The OPT3001-Q1 device is a single-chip lux meter,
measuring the intensity of light as visible by the
human eye. The precision spectral response and
strong IR rejection of the device enables the
OPT3001-Q1 device to accurately meter the intensity
of light as seen by the human eye, regardless of light
source.
The
strong
IR
rejection
also
aids
in
maintaining high accuracy when industrial design
calls for mounting the sensor under dark glass for
aesthetics. The OPT3001-Q1 device is designed for
systems that create light-based experiences for
humans, and an ideal preferred replacement for
photodiodes, photoresistors, or other ambient light
sensors with less human eye matching and IR
rejection.
Measurements can be made from 0.01 lux up to 83k
lux, without manually selecting full-scale ranges, by
using the built-in, full-scale setting feature. This
capability allows light measurement over a 23-bit
effective dynamic range.
The digital operation is flexible for system integration.
Measurements can be either continuous or single-
shot. The control and interrupt system features
autonomous operation, allowing the processor to
sleep while the sensor searches for appropriate
wake-up events to report through the interrupt pin.
The digital output is reported over an I2C- and
SMBus-compatible, two-wire serial interface.
The low-power consumption and low-power supply
voltage
capability
of
the
OPT3001-Q1
device
enhance the battery life of battery-powered systems.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPT3001-Q1
USON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Block Diagram


Số phần tương tự - OPT3001IDNPTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPT3001IDNPTQ1 TI1-OPT3001IDNPTQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Mô tả tương tự - OPT3001IDNPTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI-OPT3001_15 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3004 TI1-OPT3004 Datasheet
758Kb / 40P
[Old version datasheet]   Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
OPT3005 TI-OPT3005 Datasheet
1Mb / 40P
[Old version datasheet]   OPT3005 Ambient Light Sensor (ALS) for Video Surveillance Cameras
DECEMBER 2022
OPT3004 TI-OPT3004_V01 Datasheet
2Mb / 47P
[Old version datasheet]   OPT3004 Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
DECEMBER 2021
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com