công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD-SP2110-S813C bảng dữ liệu(PDF) 2 Page - PowerDynamics, Inc

tên linh kiện PD-SP2110-S813C
Giải thích chi tiết về linh kiện  WATERPROOF FEMALE CABLE CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWERDYNAMICS [PowerDynamics, Inc]
Trang chủ  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-SP2110-S813C bảng dữ liệu(HTML) 2 Page - PowerDynamics, Inc

  PD-SP2110-S813C Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
2 of 2
SHEET
WATERPROOF FEMALE CABLE CONNECTOR
IP68 RATED; SIZE 21; CRIMP CONTACTS; SCREW TYPE
PD-SP2110-SXX3X
A
PB
11/11/16
RoHS
COMPLIANT
CRIMP TOOL
CRIMP TOOL
CRIMP TOOL
P/N
CRIMPING WIRE RANGE
CRIMP TOOL
CRIMP TOOL
CRIMP REMOVAL TOOL
P/N
CRIMP CONTACT TYPE
PD-RT-1.0
5A MALE / FEMALE CRIMP CONTACT
PD-RT-1.5
10A MALE / FEMALE CRIMP CONTACT
PD-RT-2.5
25A MALE / FEMALE CRIMP CONTACT
5A FEMALE CRIMP CONTACT
P/N
PD-CT5A-F
WIRE SIZE
STRIP LENGTH
5.5mm
CRIMP TOOL P/N
PD-CTP20/28
REMOVAL TOOL P/N
PD-RT-1.0
[AWG 24 - 20]
( FOR 8 CONTACT FEMALE CONNECTOR )
10A FEMALE CRIMP CONTACT
P/N
PD-CT10A-26-F
WIRE SIZE
STRIP LENGTH
8mm
CRIMP TOOL P/N
PD-CT0.14/4
REMOVAL TOOL P/N
PD-RT-1.5
[AWG 26 - 22]
( FOR 5 AND 7 CONTACT FEMALE CONNECTOR )
PD-CT10A-20-F
[AWG 20]
PD-CT10A-18-F
[AWG 18]
PD-CT10A-16-F
[AWG 16]
PD-CT10A-14-F
[AWG 14]
8mm
PD-CT0.14/4
PD-RT-1.5
8mm
PD-CT0.14/4
PD-RT-1.5
8mm
PD-CT0.14/4
PD-RT-1.5
8mm
PD-CT0.14/4
PD-RT-1.5
25A FEMALE CRIMP CONTACT
P/N
PD-CT25A-18-F
WIRE SIZE
STRIP LENGTH
8mm
CRIMP TOOL P/N
PD-CT0.14/4
REMOVAL TOOL P/N
PD-RT-2.5
[AWG 18]
( FOR 2 AND 3 CONTACT FEMALE CONNECTOR )
PD-CT25A-16-F
[AWG 16]
8mm
PD-CT0.14/4
PD-RT-2.5
PD-CT25A-14-F
8mm
PD-CT0.14/4
PD-RT-2.5
[AWG 16]
PD-CT25A-12-F
[AWG 12]
8mm
PD-CT0.14/4
PD-RT-1.5
PD-CT4/10


Số phần tương tự - PD-SP2110-S813C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PowerDynamics, Inc
PD-SP2110-P1211C POWERDYNAMICS-PD-SP2110-P1211C Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
PD-SP2110-P1211N POWERDYNAMICS-PD-SP2110-P1211N Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
PD-SP2110-P1221C POWERDYNAMICS-PD-SP2110-P1221C Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
PD-SP2110-P1221N POWERDYNAMICS-PD-SP2110-P1221N Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
PD-SP2110-P211C POWERDYNAMICS-PD-SP2110-P211C Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
More results

Mô tả tương tự - PD-SP2110-S813C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PowerDynamics, Inc
PD-SF1210-SXX POWERDYNAMICS-PD-SF1210-SXX Datasheet
283Kb / 1P
   METAL IP67 WATERPROOF FEMALE CABLE CONNECTOR
PD-SF1214-S2 POWERDYNAMICS-PD-SF1214-S2 Datasheet
199Kb / 1P
   METAL IP67 WATERPROOF FEMALE ANGLED CABLE CONNECTOR
PD-ST1210-S2 POWERDYNAMICS-PD-ST1210-S2 Datasheet
199Kb / 1P
   METAL IP67 WATERPROOF FEMALE CABLE
PD-SP2112-SX1X POWERDYNAMICS-PD-SP2112-SX1X Datasheet
218Kb / 1P
   WATERPROOF FEMALE PANEL CONNECTOR
PD-SY1712-SX1X POWERDYNAMICS-PD-SY1712-SX1X Datasheet
216Kb / 1P
   WATERPROOF FEMALE PANEL CONNECTOR
PD-ST1211-S2 POWERDYNAMICS-PD-ST1211-S2 Datasheet
204Kb / 1P
   METAL IP67 WATERPROOF FEMALE IN-LINE CABLE
logo
Assmann Electronics Inc...
A-KAB-USBB-FS-1M-R ASSMANN-A-KAB-USBB-FS-1M-R Datasheet
257Kb / 1P
   WATERPROOF USB B FEMALE CONNECTOR, W/CABLE, 1M, OPEN END
logo
PowerDynamics, Inc
PD-SP2111-SXX1X POWERDYNAMICS-PD-SP2111-SXX1X Datasheet
408Kb / 1P
   WATERPROOF FEMALE IN-LINE CONNECTOR
PD-SY1711-SX1X POWERDYNAMICS-PD-SY1711-SX1X Datasheet
218Kb / 1P
   WATERPROOF FEMALE IN-LINE CONNECTOR
PD-SP2110-PXX1X POWERDYNAMICS-PD-SP2110-PXX1X Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com