công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1.5-1G2 bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện TC1.5-1G2
Giải thích chi tiết về linh kiện  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC1.5-1G2 bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  TC1.5-1G2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
0.10
0.79
9.30
10.00
0.34
32.27
55.00
0.26
34.33
100.00
0.28
31.27
500.00
0.38
21.15
800.00
0.47
17.71
1200.00
0.59
15.28
1500.00
0.71
16.70
1950.00
1.04
25.47
2250.00
1.43
11.82
INSERTION LOSS
0.0
0.4
0.8
1.2
1.6
2.0
0
1
10
100
1000
10000
FREQUENCY (MHz)
INPUT RETURN LOSS
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0
1
10
100
1000
10000
FREQUENCY (MHz)
RATIO
(Secondary/Primary)
FREQUENCY
(MHz)
INSERTION LOSS*
3 dB
MHz
2 dB
MHz
1 dB
MHz
1.5
0.5-2200
0.5-2200
1-2000
2-1100
Transformer Electrical Specifications
A
B
CD
E
F
.150
.150
.150
.050
.030
.025
3.81
3.81
3.81
1.27
0.76
0.64
G
H
J
K
wt
.028
.065
.190
.030
grams
0.71
1.65
4.83
0.76
0.10
50Ω
0.5 to 2200 MHz
RF Transformer
TC1.5-1G2+
CASE STYLE: AT224-3
Maximum Ratings
Pin Connections
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
REV. B
M151107
TC1.5-1G2+
IG/TD/CP/AM
151019
Typical Performance Data
PRIMARY DOT
6
PRIMARY
4
SECONDARY DOT
1
SECONDARY
4
NOT USED
2,3
Features
• suitable for tin/lead and RoHS solder systems
• wideband, 0.5 to 2200 MHz
• excellent return loss
• Autotransformer
• aqueous washable
Applications
• impedance matching
Surface Mount
Outline Dimensions (
)
inch
mm
Outline Drawing AT224-3
Config. D
Demo Board MCL P/N: TB-41
PC B L and Patter n
Suggested L ayout,
T olerance to be within ±.002
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000
* Insertion Loss is referenced to mid-band loss, 0.3 dB typ.


Số phần tương tự - TC1.5-1G2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
TC1.5-1 MINI-TC1.5-1 Datasheet
327Kb / 1P
   RF Transformer
TC1.5-1++ MINI-TC1.5-1+ Datasheet
327Kb / 1P
   RF Transformer
TC1.5-1X MINI-TC1.5-1X Datasheet
302Kb / 1P
   RF Transformer
TC1.5-1X++ MINI-TC1.5-1X+ Datasheet
302Kb / 1P
   RF Transformer
More results

Mô tả tương tự - TC1.5-1G2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com