công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1.5-1 bảng dữ liệu(PDF) 1 Page - Mini-Circuits |
|
TC1.5-1 bảng dữ liệu(HTML) 1 Page - Mini-Circuits |
|
1 / 1 page Notes A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document. B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp Mini-Circuits® www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com Page 1 of 1 FREQUENCY (MHz) INSERTION LOSS (dB) INPUT R. LOSS (dB) 50 Ω 0.5 to 2200 MHz RF Transformer Surface Mount Outline Dimensions ( ) inch mm Maximum Ratings Pin Connections Features PRIMARY DOT 6 PRIMARY 4 SECONDARY DOT 1 SECONDARY 4 NOT USED 2,3 Applications Operating Temperature -20°C to 85°C Storage Temperature -55°C to 100°C RF Power 0.25W DC Current 30mA Electrical Specifications REV. D M151107 TC1.5-1+ IG/TD/CP/AM 151019 Typical Performance Data Config. D * Insertion Loss is referenced to mid-band loss, .3 dB typ. • wideband, 0.5-2200 MHz, • excellent return loss • terminations, solder plated with nickel barrier for solderability & excellent each resistance • autotransformer • plastic base with leads • aqueous washable • impedance matching Demo Board MCL P/N: TB-41 TC1.5-1+ CASE STYLE: AT224-1 Outline Drawing AT224-1 Ω RATIO (Secondary/Primary) FREQUENCY (MHz) INSERTION LOSS* 3 dB MHz 2 dB MHz 1 dB MHz 1.5 0.5-2200 0.5-2200 1-2000 2-1100 A B C D E F .150 .150 .160 .050 .040 .025 3.81 3.81 4.06 1.27 1.02 0.64 G H J K L wt .028 .065 .190 .030 .007 grams 0.71 1.65 4.83 0.76 0.18 0.15 0.10 0.79 9.30 10.00 0.34 32.27 55.00 0.26 34.33 100.00 0.28 31.27 500.00 0.38 21.15 800.00 0.47 17.71 1200.00 0.59 15.28 1500.00 0.71 16.70 1950.00 1.04 25.47 2250.00 1.43 11.82 INSERTION LOSS 0.0 0.4 0.8 1.2 1.6 2.0 0 1 10 100 1000 10000 FREQUENCY (MHz) INPUT RETURN LOSS 5.0 10.0 15.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0 0 1 10 100 1000 10000 FREQUENCY (MHz) Permanent damage may occur if any of these limits are exceeded. PCB Land Pattern Suggested Layout, Tolerance to be within ±.002 Lead #1 identifier shall be located in the cross-hatched area shown. Identifier may be either a molded or marked feature. +RoHS Compliant The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications *Addition of Top hat™ feature Benefits • Allows faster pick-and-place • Enables visual identification marking TC1.5 -1X+ Upgr ade d Ver sion* Available Tape and Reel at no extra cost Reel Size Devices/Reel 7” 20, 50, 100, 200, 500 13” 1000, 2000 |
Số phần tương tự - TC1.5-1 |
|
Mô tả tương tự - TC1.5-1 |