công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZM23600V5SILT bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZM23600V5SILT
Giải thích chi tiết về linh kiện  36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23600V5SILT bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMZM23600V5SILT Datasheet HTML 3Page - Texas Instruments LMZM23600V5SILT Datasheet HTML 4Page - Texas Instruments LMZM23600V5SILT Datasheet HTML 5Page - Texas Instruments LMZM23600V5SILT Datasheet HTML 6Page - Texas Instruments LMZM23600V5SILT Datasheet HTML 7Page - Texas Instruments LMZM23600V5SILT Datasheet HTML 8Page - Texas Instruments LMZM23600V5SILT Datasheet HTML 9Page - Texas Instruments LMZM23600V5SILT Datasheet HTML 10Page - Texas Instruments LMZM23600V5SILT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
LMZM23600
www.ti.com
SNVSB53 – FEBRUARY 2018
Product Folder Links: LMZM23600
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature range of -40°C to +125°C, unless otherwise stated.
Minimum and maximum limits are ensured through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 24 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD FLAG (PGOOD)
VPGOOD_OV
PGOOD upper threshold voltage
Rising, % of Vout
104%
106.7%
109%
VPGOOD_UV
PGOOD lower threshold voltage
Falling, % of Vout
92%
94.7%
97%
VPGOOD_GUARD
Magnitude of PGOOD lower
threshold difference from steady
state output voltage.
Steady state output voltage PGOOD
threshold read at the same TJ and VIN
4.5%
VPGOOD_HYST
PGOOD hysteresis as a percent
of output voltage set point
1.4%
VPGOOD_VALID
Minimum input voltage for proper
PGOOD function
50-µA pullup to PGOOD pin, EN = 0 V, TJ
= 25°C
1.0
1.5
V
tRESET_FILTER
Glitch filter time constant for
PGOOD function
190
µs
VOL
Low-level PGOOD function
output voltage
50-µA pullup to PGOOD pin, VIN = 1.5 V,
EN = 0 V
0.4
V
0.5-mA pullup to PGOOD pin, VIN = 12 V,
EN = 0 V
0.4
1-mA pullup to PGOOD pin, VIN = 12 V,
EN = 3.3 V
0.4
RPGOOD_RDSON
RDSON of the PGOOD output
pull down
50
110
Ω
SWITCHING FREQUENCY
fSW
Switching frequency
VIN = 24 V, 5-V and 3.3-V fixed output
options
675
750
825
kHz
VIN = 24 V, ADJ output options
890
1000
1090
VIN = 36 V, 5-V and 3.3-V fixed output
options
750
VIN = 36 V, ADJ output options
800
FREQUENCY SYNCHRONIZATION AND MODE
fSYNC
Sync frequency range
5-V and 3.3-V fixed output options VOUT +
VDROPOUT < VIN < 36 V
500
825
kHz
ADJ output options VOUT + VDROPOUT<
VIN < 28 V
700
1100
DSYNC
Sync input duty cycle range
2.3 V < HIGH state input < 5.5 V
25%
75%
VMODE_HIGH
MODE/SYNC input logic HIGH
voltage to enter FPWM mode
1.5
V
VMODE_LOW
MODE/SYNC input logic LOW
voltage to enter AUTO PFM
mode
0.4
V
IMODE
MODE/SYNC leakage current
VIN = 12 V, VMODE/SYNC = 3.3 V
1
µA
VIN = 12 V, VMODE/SYNC = 12V
5
tMODE
MODE transition time to FPWM
VIN = 12 V, VOUT = 5 V, IOUT= 20 mA
300
µs
MODE transition time to AUTO
PFM
VIN = 12 V, VOUT = 5 V, IOUT = 20 mA
300
CURRENT LIMIT PROTECTION
IL-HS
0.5-A option high-side switch
current limit
Duty cycle approaches 0%
0.94
1.35
1.6
A
IL-LS
0.5-A option low-side switch
current limit
0.5
0.625
0.75
A
IL-ZC
Zero-cross current limit
MODE/SYNC = logic LOW
–0.01
A


Số phần tương tự - LMZM23600V5SILT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM23601 TI1-LMZM23601 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILR TI1-LMZM23601SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILT TI1-LMZM23601SILT Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601V3SILR TI1-LMZM23601V3SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
More results

Mô tả tương tự - LMZM23600V5SILT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
logo
Texas Instruments
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com