công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZM23600V3SILT bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZM23600V3SILT
Giải thích chi tiết về linh kiện  36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23600V3SILT bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMZM23600V3SILT Datasheet HTML 7Page - Texas Instruments LMZM23600V3SILT Datasheet HTML 8Page - Texas Instruments LMZM23600V3SILT Datasheet HTML 9Page - Texas Instruments LMZM23600V3SILT Datasheet HTML 10Page - Texas Instruments LMZM23600V3SILT Datasheet HTML 11Page - Texas Instruments LMZM23600V3SILT Datasheet HTML 12Page - Texas Instruments LMZM23600V3SILT Datasheet HTML 13Page - Texas Instruments LMZM23600V3SILT Datasheet HTML 14Page - Texas Instruments LMZM23600V3SILT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
LMZM23600
www.ti.com
SNVSB53 – FEBRUARY 2018
Product Folder Links: LMZM23600
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
The control architecture also uses frequency foldback at low input voltage in order to achieve low dropout
voltage, maintaining output regulation as the input voltage falls close to output voltage. The frequency foldback at
low input voltage is active for the ADJ as well as the 5-V and 3.3-V output options. The reduction in frequency is
smooth and continuous and is activated as the off-time approaches the minimum value. Under these conditions,
the LMZM23600 device operates much like a constant off-time converter allowing the maximum duty cycle to
reach 97%. This feature allows output voltage regulation with very low dropout.
The LMZM23600 features exceptional conversion efficiency at light load. As the load current is reduced, the
LMZM23600 transitions to light-load mode if the MODE/SYNC terminal is pulled low. In light-load mode the
device uses diode emulation to reduce the RMS inductor current and the switching frequency is reduced. The
fixed voltage versions (3.3-V and 5-V) do not need an external voltage divider connected to FB, which results in
saving two components and lower standby current when the load is in standby. As a result, the consumed supply
current is only 21 µA (typical) with 24-V to 3.3-V conversion and 24 µA (typical) with 24-V to 5-V conversion,
while the output is regulated with no load.
8.3.2 Soft-Start Function
The LMZM23600 features an internally programmed soft-start time. The soft-start time is fixed internally at about
4 ms and is achieved by ramping the internal reference. The device starts up properly even if there is a voltage
present on output before the activation of the LMZM23600. In such cases, there is no switching until the output
voltage value programmed by the ramping reference voltage is above the pre-biased output value. Once the pre-
biased voltage level is reached by the reference ramp, the switching starts, and the output ramps up smoothly
from the pre-biased value up to the final output voltage.
8.3.3 Enable and External UVLO Function
Some applications may require a precision enable or custom input voltage lock-out (UVLO) functionality. Setting
up external UVLO based on the application needs would prevent the converter from trying to regulate the output
voltage until after the input voltage has reached a desired minimum level. Such function can be used to lower the
current demand from the input supply as the supply is still starting up.
The LMZM23600 features a precision enable (EN) input terminal. The EN input logic has two internal thresholds.
The first rising threshold is at 0.9V typical. Its purpose is to wake up the internal VCC regulator to bias the
internal circuitry. The EN rising threshold to start switching is 1.8V (typical) with 0.5V (typical) hysteresis. A
voltage divider from VIN to EN can be used to set the VIN voltage at which the regulator starts the voltage
conversion. The EN terminal is rated for up to the input voltage and can be connected directly to VIN for an
always-on operation. Pulling the EN pin below 0.4 V puts the LMZM23600 in shutdown mode. In shutdown mode
and 12-V input voltage the LMZM23600 only consumes 1.8 µA (typical) of input current.
8.3.4 Current Limit
The LMZM23600 devices features two current limits inside the IC. A coarse high side or peak current limit is
provided to protect against faults. The high-side current limit limits the duration of the on-period of the high-side
power MOSFET during a given clock cycle. A precision cycle-by-cycle valley current limit prevents excessive
average output current. A new switching cycle is not initiated until the inductor current drops below the valley
current limit.


Số phần tương tự - LMZM23600V3SILT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM23601 TI1-LMZM23601 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILR TI1-LMZM23601SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILT TI1-LMZM23601SILT Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601V3SILR TI1-LMZM23601V3SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
More results

Mô tả tương tự - LMZM23600V3SILT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
logo
Texas Instruments
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com