công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZM33603 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LMZM33603
Giải thích chi tiết về linh kiện  4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM33603 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMZM33603_18 Datasheet HTML 7Page - Texas Instruments LMZM33603_18 Datasheet HTML 8Page - Texas Instruments LMZM33603_18 Datasheet HTML 9Page - Texas Instruments LMZM33603_18 Datasheet HTML 10Page - Texas Instruments LMZM33603_18 Datasheet HTML 11Page - Texas Instruments LMZM33603_18 Datasheet HTML 12Page - Texas Instruments LMZM33603_18 Datasheet HTML 13Page - Texas Instruments LMZM33603_18 Datasheet HTML 14Page - Texas Instruments LMZM33603_18 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AGND
VOUT
FB
RFBT
RFBB
10 k
CFF
FBT
OUT
R
10
V
1 k
u
:
11
LMZM33603
www.ti.com
SNVSAO6C – SEPTEMBER 2017 – REVISED MARCH 2018
Product Folder Links: LMZM33603
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Adjusting the Output Voltage
A resistor divider connected to the FB pin (pin 16) programs the output voltage of the LMZM33603. The output
voltage adjustment range is from 1 V to 18 V. (See Output Current vs Output Voltage for the maximum allowable
output voltage as a function of output current.) Figure 18 shows the feedback resistor connections for setting the
output voltage. The recommended value of RFBB is 10 kΩ. The value for RFBT can be calculated using
Equation 1. Depending on the output voltage, a feed-forward capacitor, CFF, may be required for optimum
transient performance. Table 1 lists the standard external RFBT and CFF values for several output voltages
between 2.5 V and 18 V. Table 2 lists the values for output voltages below 2.5 V. Additionally, Table 1 and
Table 2 include the recommended switching frequency (FSW), the frequency setting resistor (RRT), and the
minimum and maximum output capacitance for each of the output voltages listed.
For designs with RFBB other than 10 kΩ, adjust CFF and RFBT such that (CFF × RFBT) is unchanged and adjust
RFBT such that (RFBT / RFBB) is unchanged.
space
(1)
Figure 18. Setting the Output Voltage


Số phần tương tự - LMZM33603_18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
More results

Mô tả tương tự - LMZM33603_18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
TLVM13640 TI-TLVM13640 Datasheet
2Mb / 40P
[Old version datasheet]   TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM53602 TI1-TPSM53602 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53602 36-V Input, 2-A Power Module in RLF QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com