công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZM23600SILR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZM23600SILR
Giải thích chi tiết về linh kiện  36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23600SILR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMZM23600SILR Datasheet HTML 1Page - Texas Instruments LMZM23600SILR Datasheet HTML 2Page - Texas Instruments LMZM23600SILR Datasheet HTML 3Page - Texas Instruments LMZM23600SILR Datasheet HTML 4Page - Texas Instruments LMZM23600SILR Datasheet HTML 5Page - Texas Instruments LMZM23600SILR Datasheet HTML 6Page - Texas Instruments LMZM23600SILR Datasheet HTML 7Page - Texas Instruments LMZM23600SILR Datasheet HTML 8Page - Texas Instruments LMZM23600SILR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Copyright © 2017, Texas Instruments Incorporated
GND
VIN
CIN
GND
MODE/
SYNC
VIN
EN
PGOOD
FB
VOUT
VOUT
GND
COUT
CIN
COUT
3.8 mm x 3.0 mm package
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
LMZM23600
SNVSB53 – FEBRUARY 2018
LMZM23600 36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm × 3-mm Package
1
1 Features
1
4-V to 36-V Wide Operating Input Voltage
Adjustable, 3.3-V, or 5-V Output Voltage Options
0.5-A Output Current
Only Input and Output Capacitors Needed for 5-V
and 3.3-V Output Designs
27-mm2 Solution Size With Single Sided Layout
30-µA Supply Current at No Load
2-µA Shutdown Current
Power-Good Flag
External Frequency Synchronization
MODE Selection Pin
Forced PWM Mode for Constant Frequency
Operation
Auto PFM Mode for High Efficiency at Light
Load
Built-in Control Loop Compensation, Soft Start,
Current Limit, and UVLO
Miniature 3.8-mm × 3-mm × 1.6-mm Package
2 Applications
Factory Automation, Test and Measurement
Space Constrained Applications
LDO Replacement
3 Description
The
LMZM23600
integrated-inductor
module
is
specifically designed for space-constrained industrial
applications and is available in fixed output voltage
options of 5-V and 3.3-V and an adjustable (ADJ)
output voltage option with 2.5-V to 15-V range. The
LMZM23600 supports an input voltage range of 4-V
to 36-V and can deliver up to 500-mA of output
current. This power module is extremely easy to use,
requiring only 2 external components for a 5-V or 3.3-
V output design. All aspects of the LMZM23600 are
optimized for performance driven and low EMI
industrial applications with space-constrained needs.
An open-drain, Power-Good output provides a true
indication of the system status and negates the
requirement for an additional supervisory component,
saving cost and board space. Seamless transition
between PWM and PFM modes along with a no-load
supply current of only 30 µA ensures high efficiency
and superior transient response for the entire load-
current range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMZM23600
MicroSiP™ (10)
3.80 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
Schematic for Fixed Output Option
24-V to 5-V, 0.5-A DC-DC Converter
Single-Sided Layout Solution Size
24-V to 5-V, 0.5-A DC-DC Converter


Số phần tương tự - LMZM23600SILR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM23601 TI1-LMZM23601 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILR TI1-LMZM23601SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILT TI1-LMZM23601SILT Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601V3SILR TI1-LMZM23601V3SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
More results

Mô tả tương tự - LMZM23600SILR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
logo
Texas Instruments
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com