công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZM23600SILR bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZM23600SILR
Giải thích chi tiết về linh kiện  36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23600SILR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMZM23600SILR Datasheet HTML 2Page - Texas Instruments LMZM23600SILR Datasheet HTML 3Page - Texas Instruments LMZM23600SILR Datasheet HTML 4Page - Texas Instruments LMZM23600SILR Datasheet HTML 5Page - Texas Instruments LMZM23600SILR Datasheet HTML 6Page - Texas Instruments LMZM23600SILR Datasheet HTML 7Page - Texas Instruments LMZM23600SILR Datasheet HTML 8Page - Texas Instruments LMZM23600SILR Datasheet HTML 9Page - Texas Instruments LMZM23600SILR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LMZM23600
SNVSB53 – FEBRUARY 2018
www.ti.com
Product Folder Links: LMZM23600
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature range of -40°C to +125°C, unless otherwise stated.
Minimum and maximum limits are ensured through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 24 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FEEDBACK
VFB
Initial output voltage accuracy
(3.3-V and 5-V fixed output)
VIN = 4 V to 36 V, open loop
–1.5%
1.5%
VFB
Reference voltage (ADJ option)
VIN = 4 V to 36 V, open loop
0.985
1
1.015
V
IFB
Input current from FB to GND
(ADJ option)
FB = 1 V
20
nA
CURRENT
IQ
Operating quiescent current;
measured at VIN pin
VIN = 12 V, VFB = +10%, VOUT = 5 V
7
µA
VIN = 12 V, VFB = +10%, VOUT = 5 V, TJ
= 85°C
16
µA
VIN = 12 V, VFB = +10%, VOUT = 5 V, TJ
= 125°C
18
VIN = 24 V, VFB = +10%, VOUT = 5 V
12
VIN = 24 V, VFB = +10%, VOUT = 5 V, TJ
= 85°C
24
VIN = 24 V, VFB = +10%, VOUT = 5 V, TJ
= 125°C
26
IB
Bias current into the VOUT pin
VIN = 24 V, VFB = +10%, VOUT = 5 V,
Mode = 0 V
48
80
µA
ISD
Shutdown quiescent current;
measured at VIN pin
EN = 0 V, VIN = 12 V, TJ = 25°C
1.8
µA
EN = 0 V, VIN = 12 V, TJ = 85°C
3
EN = 0 V, VIN = 24 V, TJ = 25°C
5
EN = 0 V, VIN = 24 V, TJ = 85°C
10
UNDERVOLTAGE LOCKOUT (UVLO)
VIN_UVLO
Minimum input voltage to operate Rising
3.1
3.5
3.85
V
VIN_UVLO_HYST
UVLO hysteresis
0.2
0.25
0.3
V


Số phần tương tự - LMZM23600SILR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM23601 TI1-LMZM23601 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILR TI1-LMZM23601SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILT TI1-LMZM23601SILT Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601V3SILR TI1-LMZM23601V3SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
More results

Mô tả tương tự - LMZM23600SILR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
logo
Texas Instruments
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com