công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145567P bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145567P
Giải thích chi tiết về linh kiện  PCM Codec-Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145567P bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC145567P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145567P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145567P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145567P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145567P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145567P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145567P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145567P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145567P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.lansdale.com
ML145554
ML145557
ML145564
ML145567
PCM Codec–Filter
Page 1 of 18
Issue A
Legacy Device: Motorola MC145554, MC145557, MC145564, MC145567
The ML145554, ML145557, ML145564, and ML145567 are all per channel
PCM Codec–Filters. These devices perform the voice digitization and recon-
struction as well as the band limiting and smoothing required for PCM sys-
tems. They are designed to operate in both synchronous and asynchronous
applications and contain an on–chip precision voltage reference. The
ML145554 (Mu–Law) and ML145557 (A–Law) are general purpose devices
that are offered in 16–pin packages. The ML145564 (Mu–Law) and
ML145567 (A–Law), offered in 20–pin packages, add the capability of analog
loopback and push–pull power amplifiers with adjustable gain.
These devices have an input operational amplifier whose output is the input
to the encoder section. The encoder section immediately low–pass filters the
analog signal with an active R–C filter to eliminate very–high–frequency noise
from being modulated down to the pass band by the switched capacitor filter.
From the active R–C filter, the analog signal is converted to a differential sig-
nal. From this point, all analog signal processing is done differentially. This
allows processing of an analog signal that is twice the amplitude allowed by a
single–ended design, which reduces the significance of noise to both the invert-
ed and non–inverted signal paths. Another advantage of this differential design
is that noise injected via the power supplies is a common–mode signal that is
cancelled when the inverted and non–inverted signals are recombined. This
dramatically improves the power supply rejection ratio.
After the differential converter, a differential switched capacitor filter band-
passes the analog signal from 200 Hz to 3400 Hz before the signal is digitized-
by the differential compressing A/D converter.
The decoder accepts PCM data and expands it using a differential D/A con-
verter. The output of the D/A is low–pass filtered at 3400 Hz and sinX/X com-
pensated by a differential switched capacitor filter. The signal is then filtered
by an active R–C filter to eliminate the out–of–band energy of the switched
capacitor filter.
These PCM Codec–Filters accept both long–frame and short–frame industry
standard clock formats. They also maintain compatibility with Motorola’s fami-
ly of TSACs and MC3419/MC34120 SLIC products.
The ML145554/57/64/67 family of PCM Codec–Filters utilizes CMOS due
to its reliable low–power performance and proven capability for complex
analog/digital VLSI functions.
FEATURES
ML145554/57(16–Pin Package)
• Fully Differential Analog Circuit Design for Lowest Noise
• Performance Specified for Extended Temperature Range of – 40 to + 85°C
• Transmit Band–Pass and Receive Low–Pass Filters On–Chip
• Active R–C Pre–Filtering and Post–Filtering
• Mu–Law Companding ML145554
• A–Law Companding ML145557
• On–Chip Precision Voltage Reference (2.5 V)
• Typical Power Dissipation of 40 mW, Power Down of 1.0 mW at ±5 V
ML145564/67(20–Pin Package) — All of the Features of the ML145554/57 Plus:
• Mu–Law Companding ML145564
• A–Law Companding ML145567
• Push–Pull Power Drivers with External Gain Adjust
• Analog Loopback
P DIP 16 = EP
PLASTIC DIP
CASE 648
ML145554/57
16
1
20
1
P DIP 20 = RP
PLASTIC DIP
CASE 738
ML145564/67
SOG 16 = -5P
SOG PACKAGE
CASE 751G
ML145554/57
SOG 20 = -6P
SOG PACKAGE
CASE 751D
ML145564/67
16
1
20
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC145554P
ML145554EP
SO 16W
MC145554DW
ML145554-5P
P DIP 16
MC145557P
ML145557EP
SO 16W
MC145557DW
ML145557-5P
P DIP 20
MC145564P
ML145564RP
SO 20W
MC145564DW
ML145564-6P
P DIP 20
MC145567P
ML145567RP
SO 20W
MC145567DW
ML145567-6P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.


Số phần tương tự - MC145567P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145567P LANSDALE-MC145567P Datasheet
1Mb / 18P
   PCM Codec-Filter
More results

Mô tả tương tự - MC145567P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com