công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145502FN bảng dữ liệu(PDF) 8 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145502FN
Giải thích chi tiết về linh kiện  PCM Codec-Filter Mono-Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145502FN bảng dữ liệu(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button MC145502FN Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145502FN Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145502FN Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145502FN Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145502FN Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145502FN Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145502FN Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145502FN Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145502FN Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
DEVICE DESCRIPTIONS
A codec–filter is a device which is used for digitizing and recon-
structing the human voice. These devices were developed primarily
for the telephone network to facilitate voice switching and trans-
mission. Once the voice is digitized, it may be switched by digital
switching methods or transmitted long distance (T1, microwave,
satellites, etc.) without degradation. The name codec is an acronym
from “Coder” for the A/D used to digitize voice, and “Decoder” for
the D/A used for reconstructing voice. A codec is a single device
that does both the A/D and D/A conversions.
To digitize intelligible voice requires a signal to distortion of
about 30 dB for a dynamic range of about 40 dB. This may be
accomplished with a linear 13–bit A/D and D/A, but will far
exceed the required signal to distortion at amplitudes greater than
40 dB below the peak amplitude. This excess performance is at the
expense of data per sample. Two methods of data reduction are
implemented by compressing the 13–bit linear scheme to compand-
ed 8–bit schemes. These companding schemes follow a segmented
or “piecewise–linear”curve formatted as sign bit, three chord bits,
and four stepbits. For a given chord, all 16 of the steps have the
same voltage weighting. As the voltage of the analog input increas-
es, the four step bits increment and carry to the three chord bits
which increment. With the chord bits incremented, the step bits
double their voltage weighting. This results in an effective resolu-
tion of 6–bits (sign + chord + four step bits) across a 42 dB dynam-
ic range (7 chords above zero, by 6 dB per chord). There are two
companding schemes used; Mu–255 Law specifically in North
America, and A–Law specifically in Europe. These companding
schemes are accepted worldwide. The tables show the linear quanti-
zation levels to PCM words for the two companding schemes.
In a sampling environment, Nyquist theory says that to properly
sample a continuous signal, it must be sampled at a frequency high-
er than twice the signal’s highest frequency component. Voice con-
tains spectral energy above 3 kHz, but its absence is not detrimental
to intelligibility. To reduce the digital data rate, which is proportion-
al to the sampling rate, a sample rate of 8 kHz was adopted, consis-
tent with a band-width of 3 kHz. This sampling requires a low–pass
filter to limit the high frequency energy above 3 kHz from distort-
ing the inband signal. The telephone line is also subject to 50/60 Hz
power line coupling which must be attenuated from the signal by a
high–pass filter before the A/D converter. The D/A process recon-
structs a staircase version of the desired inband signal which has
spectral images of the in-band signal modulated about the sample
frequency and its harmonics. These spectral images are called alias-
ing components which need to be attenuated to obtain the desired
signal. The low–pass filter used to attenuate filter aliasing compo-
nents is typically called a reconstruction or smoothing filter.
The ML1455XX series PCM Codec–Filters have the codec, both
presampling and reconstruction filters, a precision voltage refer-
ence on chip, and require no external components. There are three
distinct versions of the Lansdale ML1455XX Series.
ML145502
The ML145502 PCM Codec–Filter is the full feature 22–pin
device. It is intended for use in applications requiring maximum
flexibility. The ML145502 is intended for bit interleaved or byte
interleaved applications with data clock frequencies which are non-
standard or time varying. One of the five standard frequencies (see
ML145503 below) is applied to the CCI input, and the data clock
inputs can be any frequency between 64 kHz and 4.096 MHz. The
Vref pin allows for use of an external shared reference or selection
of the internal reference. The RxG pin accommodates gain adjust-
ments for the inverted analog output. All three pins of the input
gain–setting operational amplifier are present, providing maximum
flexibility for the analog interface.
ML145503
The ML145503 PCM Codec–Filter is intended for standard byte
interleaved synchronous or asynchronous applications. TDC can be
one of
five discrete frequencies. These are 128 kHz (40 to 60%
duty cycle), 1.536, 1.544, 2.048, or 2.56 MHz. (For other data
clock frequencies, see ML145502 or ML145505.) The internal ref-
erence is set for 3.15 V peak full scale, and the full scale input level
at Txl and output level at RxO is 6.3 V peak–to–peak. This is the +
3 dBm0 level of the PCM Codec–Filter. The +Tx and –Tx inputs
provide maximum flexibility for analog interface. All other func-
tions are described in the pin description.
ML145505
The ML145505 PCM Codec–Filter is intended for byte inter-
leaved synchronous applications. The ML145505 has all the fea-
tures of the ML145503 but internally connects TDC and RDC (see
pin description) to the DC pin. One of the five standard frequencies
(listed above) should be applied to CCI. The data clock input
(DC) can be any frequency between 64 kHz and 4.096 MHz.
www.lansdale.com
Page 8 of 26
Issue A


Số phần tương tự - MC145502FN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145502FN LANSDALE-MC145502FN Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
More results

Mô tả tương tự - MC145502FN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
LANSDALE Semiconductor ...
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com