công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145506P bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145506P
Giải thích chi tiết về linh kiện  PCM Codec-Filter Mono-Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145506P bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC145506P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145506P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145506P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145506P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145506P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145506P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145506P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145506P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145506P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.lansdale.com
ML145506
PCM Codec–Filter Mono–Circuit
Page 1 of 20
Issue A
Legacy Device: Motorola MC145506
The ML145506 is a per channel codec–filter PCM mono–circuit. This
device performs the voice digitization and reconstruction, as well as the
band limiting and smoothing required for PCM systems. This device has
HCMOS compatible digital outputs and supplements the Lansdale
ML145502 – ML145505 series of PCM codec–filters. The ML145506 is
functionally similar to the ML145502. It is designed to operate in both
synchronous and asynchronous applications and contain an on–chip pre-
cision reference voltage. The ML145506 is offered in a 22–pin package
and has the capability of selecting from three peak overload voltages (2.5
V, 3.15 V, and 3.78 V).
This device maintains compatibility with Motorola’s family of
MC3419/MC33120 SLIC products.
The ML1455xx family of PCM codec–filter mono–circuits utilize
CMOS due to its reliable low–power performance and proven capability
for complex analog/digital VLSI functions.
ML145506 Features
• 22–Pin Package, HCMOS Output Version of ML145502
• Selectable Peak Overload Voltages (2.5 V, 3.15 V, 3.78 V)
• Push–Pull Analog Output with Gain Adjust
• 64 kHz to 4.1 MHz Transmit and/or Receive Data Clock Rate
• Operating Temperature Range TA = –40° to +85° C
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.


Số phần tương tự - MC145506P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
More results

Mô tả tương tự - MC145506P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
LANSDALE Semiconductor ...
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com